Electronic Components Datasheet Search
  English  ▼

X  

DAC715PL Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC715PL
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC715PL Datasheet(HTML) 4 Page - Texas Instruments

  DAC715PL Datasheet HTML 1Page - Texas Instruments DAC715PL Datasheet HTML 2Page - Texas Instruments DAC715PL Datasheet HTML 3Page - Texas Instruments DAC715PL Datasheet HTML 4Page - Texas Instruments DAC715PL Datasheet HTML 5Page - Texas Instruments DAC715PL Datasheet HTML 6Page - Texas Instruments DAC715PL Datasheet HTML 7Page - Texas Instruments DAC715PL Datasheet HTML 8Page - Texas Instruments DAC715PL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
®
DAC715
PIN CONFIGURATION
PIN
LABEL
DESCRIPTION
1
DCOM
Digital Ground
2
ACOM
Analog Ground
3VOUT
0 to +10V D/A Output
4
Offset Adjust
Offset Adjust
5VREF OUT
Voltage Reference Output
6
Gain Adjust
Gain Adjust
7+VCC
+12V to +15V Supply
8–VCC
–12V to –15V Supply
9
CLR
CLEAR. Sets D/A output to Half Scale
(Active Low)
10
WR
Write (Active Low)
11
A1
Enable for D/A latch (Active Low)
12
A0
Enable for Input latch (Active Low)
13
D15
Data Bit 15 (Most Significant Bit)
14
D14
Data Bit 14
15
D13
Data Bit 13
16
D12
Data Bit 12
17
D11
Data Bit 11
18
D10
Data Bit 10
19
D9
Data Bit 9
20
D8
Data Bit 8
21
D7
Data Bit 7
22
D6
Data Bit 6
23
D5
Data Bit 5
24
D4
Data Bit 4
25
D3
Data Bit 3
26
D2
Data Bit 2
27
D1
Data Bit 1
28
D0
Data Bit 0 (Least Significant Bit)
PIN DESCRIPTIONS
DCOM
ACOM
V
OUT
Offset Adjust
V
REF OUT
Gain Adjust
+V
CC
–V
CC
CLR
WR
A
1
A
0
D15 (MSB)
D14
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com