Electronic Components Datasheet Search
  English  ▼

X  

DAC715PL Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC715PL
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC715PL Datasheet(HTML) 1 Page - Texas Instruments

  DAC715PL Datasheet HTML 1Page - Texas Instruments DAC715PL Datasheet HTML 2Page - Texas Instruments DAC715PL Datasheet HTML 3Page - Texas Instruments DAC715PL Datasheet HTML 4Page - Texas Instruments DAC715PL Datasheet HTML 5Page - Texas Instruments DAC715PL Datasheet HTML 6Page - Texas Instruments DAC715PL Datasheet HTML 7Page - Texas Instruments DAC715PL Datasheet HTML 8Page - Texas Instruments DAC715PL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 1995 Burr-Brown Corporation
PDS-1306D
Printed in U.S.A. July, 1997
DAC715
FPO
®
DAC715
DAC715
16-BIT DIGITAL-TO-ANALOG CONVERTER
with 16-Bit Bus Interface
FEATURES
q HIGH-SPEED 16-BIT PARALLEL DOUBLE-
BUFFERED INTERFACE
q VOLTAGE OUTPUT: 0 to +10V
q 13-, 14-, 15-BIT LINEARITY GRADES
q 16-BIT MONOTONIC OVER
TEMPERATURE (L GRADE)
q POWER DISSIPATION: 600mW max
q GAIN AND OFFSET ADJUST: Convenient
for Auto-Cal D/A Converters
q 28-LEAD DIP AND SOIC PACKAGES
DESCRIPTION
The DAC715 is a complete monolithic digital-to-
analog converter including a +10V temperature com-
pensated reference, current-to-voltage amplifier, 16-bit
parallel interface that is double buffered, and an asyn-
chronous clear function which immediately sets the
output voltage to one-half of full-scale.
The output voltage range is 0 to +10V while operating
from
±12V or ±15V supplies. The gain and bipolar
offset adjustments are designed so that they can be set
via external potentiometers or external D/A converters.
The output amplifier is protected against short circuit to
ground.
The 28-pin DAC715 is available in a 0.3" plastic DIP
and wide-body plastic SOIC package. The DAC715P,
U, PB, and UB are specified over the –40
°C to +85°C
temperature range while the DAC715PK, UK, PL, and
UL are specified over the 0
°C to +70°C range.
V
OUT
V
REF OUT
+10V
Reference
Circuit
16-Bit D/A Converter
D/A Latch
16
Gain Adjust
Input Latch
16
A
1
A
0
WR
CLR
D0
D15
Offset Adjust
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
SBAS046


Similar Part No. - DAC715PL

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC715PL BURR-BROWN-DAC715PL Datasheet
288Kb / 11P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Similar Description - DAC715PL

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com