Electronic Components Datasheet Search
  English  ▼

X  

DAC813 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC813
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC813 Datasheet(HTML) 5 Page - Texas Instruments

  DAC813 Datasheet HTML 1Page - Texas Instruments DAC813 Datasheet HTML 2Page - Texas Instruments DAC813 Datasheet HTML 3Page - Texas Instruments DAC813 Datasheet HTML 4Page - Texas Instruments DAC813 Datasheet HTML 5Page - Texas Instruments DAC813 Datasheet HTML 6Page - Texas Instruments DAC813 Datasheet HTML 7Page - Texas Instruments DAC813 Datasheet HTML 8Page - Texas Instruments DAC813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
DAC813
MAJOR CARRY GLITCH
Time (µs)
250
200
150
100
50
0
–2
02468
10
12
14
+10
0
Data =
7FF
H
Data = 800
H
Data = 7FF
H
15
10
5
0
–5
–10
–15
0
5
10
15
20
25
Time (µs)
± FULL SCALE OUTPUT SWING
WR
V
OUT
+5
0
0.5
0
–0.5
000
Input Code (Hexidecimal)
INTEGRAL LINEARITY ERROR
400
800
C00
FFF
1
0.5
0
–0.5
–1
–60
–20
20
60
100
140
Temperature (°C)
CHANGE OF GAIN AND OFFSET ERROR
vs TEMPERATURE
0.8
0.4
0
–0.4
–0.8
Gain Error
Bipolar
Offset
Unipolar
Offset
4
2
0
–2
–4
–2
02468
Input Voltage (V)
DIGITAL INPUT CURRENT
vs INPUT VOLTAGE
LMSB, LDAC
Reset
LLSB, WR
Data
Frequency (Hz)
1k
10
100
1k
10k
100k
1M
POWER SUPPLY REJECTION vs
POWER SUPPLY RIPPLE FREQUENCY
100
10
1
0.1
+V
CC
–V
CC
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = ±15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com