Electronic Components Datasheet Search
  English  ▼

X  

DAC813 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC813
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC813 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC813 Datasheet HTML 7Page - Texas Instruments DAC813 Datasheet HTML 8Page - Texas Instruments DAC813 Datasheet HTML 9Page - Texas Instruments DAC813 Datasheet HTML 10Page - Texas Instruments DAC813 Datasheet HTML 11Page - Texas Instruments DAC813 Datasheet HTML 12Page - Texas Instruments DAC813 Datasheet HTML 13Page - Texas Instruments DAC813 Datasheet HTML 14Page - Texas Instruments DAC813 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
®
DAC813
FIGURE 9. Interfacing Multiple DAC813s to an 8-Bit Bus.
Base
Address
Decoder
WR
A
A
15
4
A
A
A
2
1
0
A
3
74LS138
C
B
A
G
G
G
2A
2B
1
DAC813
(1)
DAC813
(2)
WR
LDAC
LLSB
LMSB
DAC813
(4)
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
15
14
13
12
11
10
9
7
3
2
1
4
6
5
CS
WR
LDAC
LLSB
LMSB
WR
LDAC
LLSB
LMSB
ADDRESS BUS
A3
A2
A1
A0
OPERATION
0
0
0
0
Load 8 LSB – D/A #1
0
0
0
1
Load 4 MSB – D/A #1
0
0
1
0
Load 8 LSB – D/A #2
0
0
1
1
Load 4 MSB – D/A #2
0
1
0
0
Load 8 LSB – D/A #3
0
1
0
1
Load 4 MSB – D/A #3
0
1
1
0
Load 8 LSB – D/A #4
0
1
1
1
Load 4 MSB – D/A #4
1
X
X
X
Load D/A Latch—All D/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com