Electronic Components Datasheet Search
  English  ▼

X  

DAC902UG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC902UG4
Description  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC902UG4 Datasheet(HTML) 4 Page - Texas Instruments

  DAC902UG4 Datasheet HTML 1Page - Texas Instruments DAC902UG4 Datasheet HTML 2Page - Texas Instruments DAC902UG4 Datasheet HTML 3Page - Texas Instruments DAC902UG4 Datasheet HTML 4Page - Texas Instruments DAC902UG4 Datasheet HTML 5Page - Texas Instruments DAC902UG4 Datasheet HTML 6Page - Texas Instruments DAC902UG4 Datasheet HTML 7Page - Texas Instruments DAC902UG4 Datasheet HTML 8Page - Texas Instruments DAC902UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DAC902
4
SBAS094B
PIN
DESIGNATOR
DESCRIPTION
1
Bit 1
Data Bit 1 (D11), MSB
2
Bit 2
Data Bit 2 (D10)
3
Bit 3
Data Bit 3 (D9)
4
Bit 4
Data Bit 4 (D8)
5
Bit 5
Data Bit 5 (D7)
6
Bit 6
Data Bit 6 (D6)
7
Bit 7
Data Bit 7 (D5)
8
Bit 8
Data Bit 8 (D4)
9
Bit 9
Data Bit 9 (D3)
10
Bit 10
Data Bit 10 (D2)
11
Bit 11
Data Bit 11 (D1)
12
Bit 12
Data Bit 12 (D0), LSB
13
NC
No Connection
14
NC
No Connection
15
PD
Power Down, Control Input; Active
HIGH. Contains internal pull-down circuit;
may be left unconnected if not used.
16
INT/EXT
Reference Select Pin; Internal ( = 0) or
External ( = 1) Reference Operation.
17
REFIN
Reference Input/Ouput. See Applica-
tions section for further details.
18
FSA
Full-Scale Output Adjust
19
BW
Bandwidth/Noise Reduction Pin:
Bypass with 0.1
µF to +V
A for Optimum
Performance.
20
AGND
Analog Ground
21
IOUT
Complementary DAC Current Output
22
IOUT
DAC Current Output
23
BYP
Bypass Node: Use 0.1
µF to AGND
24
+VA
Analog Supply Voltage, 2.7V to 5.5V
25
NC
No Connection
26
DGND
Digital Ground
27
+VD
Digital Supply Voltage, 2.7V to 5.5V
28
CLK
Clock Input
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
SO, TSSOP
TYPICAL CONNECTION CIRCUIT
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
NC
NC
CLK
+V
D
DGND
NC
+V
A
BYP
I
OUT
I
OUT
AGND
BW
FSA
REF
IN
INT/EXT
PD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC902
Current
Sources
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref.
Latches
12-Bit Data Input
D11.......D0
DAC902
FSA
BW
+V
D
+V
A
R
SET
AGND
CLK
DGND
REF
IN
0.1
µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50
Ω
50
Ω
20pF
1:1
0.1
µF
0.1
µF
+5V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com