Electronic Components Datasheet Search
  English  ▼

X  

DAC902UG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC902UG4
Description  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC902UG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC902UG4 Datasheet HTML 10Page - Texas Instruments DAC902UG4 Datasheet HTML 11Page - Texas Instruments DAC902UG4 Datasheet HTML 12Page - Texas Instruments DAC902UG4 Datasheet HTML 13Page - Texas Instruments DAC902UG4 Datasheet HTML 14Page - Texas Instruments DAC902UG4 Datasheet HTML 15Page - Texas Instruments DAC902UG4 Datasheet HTML 16Page - Texas Instruments DAC902UG4 Datasheet HTML 17Page - Texas Instruments DAC902UG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DAC902
14
SBAS094B
The DC gain for this circuit is equal to feedback resistor RF.
At high frequencies, the DAC output impedance (CD1, CD2)
will produce a zero in the noise gain for the OPA2680 that
may cause peaking in the closed-loop frequency response.
CF is added across RF to compensate for this noise-gain
peaking. To achieve a flat transimpedance frequency re-
sponse, the pole in each feedback network should be set to:
1
24
ππ
RC
GBP
RC
FF
F
D
=
(8)
with GBP = Gain Bandwidth Product of OPA
which will give a corner frequency f-3dB of approximately:
f
GBP
RC
dB
FD
−
=
3
2
π
(9)
The full-scale output voltage is simply defined by the prod-
uct of IOUTFS • RF, and has a negative unipolar excursion. To
improve on the ac performance of this circuit, adjustment of
RF and/or IOUTFS should be considered. Further extensions of
this application example may include adding a differential
filter at the OPA2680’s output followed by a transformer, in
order to convert to a single-ended signal.
SINGLE-ENDED CONFIGURATION
Using a single load resistor connected to the one of the DAC
outputs, a simple current-to-voltage conversion can be ac-
complished. The circuit in Figure 6 shows a 50
Ω resistor
connected to IOUT, providing the termination of the further
connected 50
Ω cable. Therefore, with a nominal output
current of 20mA, the DAC produces a total signal swing of
0V to 0.5V into the 25
Ω load.
Different load resistor values may be selected as long as the
output compliance range is not exceeded. Additionally, the
output current, IOUTFS, and the load resistor may be mutually
adjusted to provide the desired output signal swing and
performance.
FIGURE 6. Driving a Doubly-Terminated 50
Ω Cable Directly.
I
OUT
I
OUT
DAC902
25
Ω
50
Ω
50
Ω
I
OUTFS = 20mA
V
OUT = 0V to +0.5V
FIGURE 7. Internal Reference Configuration.
INTERNAL REFERENCE OPERATION
The DAC902 has an on-chip reference circuit that comprises
a 1.24V bandgap reference and a control amplifier. Ground-
ing pin 16, INT/EXT, enables the internal reference opera-
tion. The full-scale output current, IOUTFS, of the DAC902 is
determined by the reference voltage, VREF, and the value of
resistor RSET. IOUTFS can be calculated by:
IOUTFS = 32 • IREF = 32 • VREF / RSET
(10)
As shown in Figure 7, the external resistor RSET connects to
the FSA pin (Full-Scale Adjust). The reference control am-
plifier operates as a V-to-I converter producing a reference
current, IREF, which is determined by the ratio of VREF and
RSET, as shown in Equation 10. The full-scale output current,
IOUTFS, results from multiplying IREF by a fixed factor of 32.
Using the internal reference, a 2k
Ω resistor value results in
a 20mA full-scale output. Resistors with a tolerance of 1%
or better should be considered. Selecting higher values, the
converter output can be adjusted from 20mA down to 2mA.
Operating the DAC902 at lower than 20mA output currents
may be desirable for reasons of reducing the total power
consumption, improving the distortion performance, or ob-
serving the output compliance voltage limitations for a given
load condition.
It is recommended to bypass the REFIN pin with a ceramic chip
capacitor of 0.1
µF or more. The control amplifier is internally
compensated, and its small signal bandwidth is approximately
3MHz. To improve the ac performance, an additional capacitor
(CCOMPEXT) should be applied between the BW pin and the
analog supply, +VA, as shown in Figure 7. Using a 0.1µF
capacitor, the small-signal bandwidth and output impedance of
the control amplifier is further diminished, reducing the noise
that is fed into the current source array. This also helps
shunting feedthrough signals more effectively, and improving
the noise performance of the DAC902.
DAC902
C
COMPEXT
0.1
µF
C
COMP
400pF
+1.24V Ref.
R
SET
2k
Ω
0.1
µF
INT/EXT
FSA
BW
+5V
+V
A
REF
IN
Current
Sources
I
REF =
V
REF
R
SET
Ref
Control
Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com