Electronic Components Datasheet Search
  English  ▼

X  

FS0H474ZF Datasheet(PDF) 30 Page - NEC

Part # FS0H474ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H474ZF Datasheet(HTML) 30 Page - NEC

Back Button FS0H474ZF Datasheet HTML 26Page - NEC FS0H474ZF Datasheet HTML 27Page - NEC FS0H474ZF Datasheet HTML 28Page - NEC FS0H474ZF Datasheet HTML 29Page - NEC FS0H474ZF Datasheet HTML 30Page - NEC FS0H474ZF Datasheet HTML 31Page - NEC FS0H474ZF Datasheet HTML 32Page - NEC FS0H474ZF Datasheet HTML 33Page - NEC FS0H474ZF Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
30 Super Capacitors Vol.12
d1 ± 0.1
P ± 0.5
Sleeve
D ± 0.5
d2 ± 0.1
(Terminal)
○
+
○
−
A1
001
A1
001
FA
FA
FA
FA
5 V
0.1 F
5 V
0.1 F
5 V
0.1 F
5 V
0.1 F
Negative polarity
identification mark
Rated voltage
Nominal
capacitance
Date
code
Serial
number
d1 ± 0.1
P ± 0.5
Sleeve
D ± 0.5
d2 ± 0.1
(Terminal)
○
+
○
−
A1
001
A1
FE
FE
5.5 V
0.047 F
5.5 V
0.047 F
Negative polarity
identification mark
MAX
operating voltage
Nominal
capacitance
Date
code
Serial
number
6.8 FA Series, FE Series
FA Series
Dimensions
FE Series
Dimensions
Markings on sleeve
Markings on sleeve
Specifications
Part Number
MAX
operating
voltage
(
Vdc)
Rated
voltage
(
Vdc)
Nominal capacitance MAX ESR
(
at 1 kHz)
(Ω)
MAX
current at
30 min.
(
mA)
Dimension (unit:mm)
Weight
(
g)
φ
DH
P
ℓ
d1
d2
Charge
system (F)
Discharge
system (F)
FA0H473ZF
5.5
5
0.047
0.075
20.0
0.071
16.0
15.5
5.1
5.0
0.4
1.2
6.2
FA0H104ZF
5.5
5
0.10
0.16
8.0
0.15
21.5
15.5
7.6
5.5
0.6
1.2
12
FA0H224ZF
5.5
5
0.22
0.35
5.0
0.33
28.5
16.5
10.2
9.5
0.6
1.4
25
FA0H474ZF
5.5
5
0.47
0.75
3.5
0.71
36.5
16.5
15.0
9.5
0.6
1.7
42
FA0H105ZF
5.5
5
1.0
1.6
2.5
1.5
44.5
18.5
20.0
9.5
1.0
1.4
65
FA1A223ZF
11.0
10
0.022
0.035
20.0
0.066
16.0
25.0
5.1
5.0
0.4
1.2
7.5
FA1A104ZF
11.0
10
0.10
0.16
8.0
0.30
28.5
25.5
10.2
9.5
0.6
1.4
32
FA1A224ZF
11.0
10
0.22
0.35
6.0
0.66
36.5
27.5
15.0
9.5
1.0
1.4
55
FA1A474ZF
11.0
10
0.47
0.75
4.0
1.41
44.5
28.5
20.0
9.5
1.0
1.4
83
Specifications
Part Number
MAX
operating
voltage
(
Vdc)
Nominal capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX current
at 30 min.
(
mA)
Dimension (unit:mm)
Weight
(
g)
φ
DH
P
ℓ
d1
d2
Charge
system (F)
Discharge
system (F)
FE0H473ZF
5.5
0.047
0.075
14.0
0.071
14.5
14.0
5.1
2.2
0.4
1.2
3.9
FE0H104ZF
5.5
0.10
0.16
6.5
0.15
16.5
14.0
5.1
2.7
0.4
1.2
5
FE0H224ZF
5.5
0.22
0.35
3.5
0.33
21.5
15.5
7.6
3.0
0.6
1.2
9.5
FE0H474ZF
5.5
0.47
0.75
1.8
0.71
28.5
16.5
10.2
6.1
0.6
1.4
16
FE0H105ZF
5.5
1.0
1.4
1.0
1.5
36.5
18.5
15.0
6.1
0.6
1.7
38
FE0H155ZF
5.5
1.5
2.1
0.6
2.3
44.5
18.5
20.0
6.1
1.0
1.4
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com