Electronic Components Datasheet Search
  English  ▼

X  

FS0H474ZF Datasheet(PDF) 15 Page - NEC

Part # FS0H474ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H474ZF Datasheet(HTML) 15 Page - NEC

Back Button FS0H474ZF Datasheet HTML 11Page - NEC FS0H474ZF Datasheet HTML 12Page - NEC FS0H474ZF Datasheet HTML 13Page - NEC FS0H474ZF Datasheet HTML 14Page - NEC FS0H474ZF Datasheet HTML 15Page - NEC FS0H474ZF Datasheet HTML 16Page - NEC FS0H474ZF Datasheet HTML 17Page - NEC FS0H474ZF Datasheet HTML 18Page - NEC FS0H474ZF Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 15
FMC Type
Chip parts applicable to treatment in bond hardening furnace (160±5 ℃ for 120±10 seonds)
5.5V
473
K1
C
+
–
Nominal capacitance
C:FMC type marking
Negative polarity identification
Date code
Polarity
MAX operating
voltage
d1 ±0.1
d2 ±0.1
b ±0.5
5±0.5
T±0.5
N T
(
Unit:mm)
Dimensions
Markings
Specifications
Part Number
MAX
operating
voltage
(
Vdc)
Nominal
capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX
current at
30 min.
(
mA)
Voltage
holding
characteristics
(
V)
a
(mm)
b
(mm)
T
(mm)
d1
(mm)
d2
(mm)
Weight
(
g)
Bulk
Ammo pack
Charge
system(F)
Discharge
system(F)
FMC0H473ZF FMC0H473ZFTP( )
5.5
0.047
0.06
100
0.071
4.2
11.5 10.5
5.0
0.5
0.4
1.3
FMC0H104ZF FMC0H104ZFTP( )
5.5
0.10
0.13
50
0.15
4.2
11.5 10.5
6.5
0.5
0.4
1.6
FMC0H334ZF FMC0H334ZFTP( )
5.5
–
0.33
25
0.50
4.2
15.0 14.0
9.0
0.6
0.6
3.5
To complete the part number, insert lead length (16mm or 18mm) in to the "( )"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com