Electronic Components Datasheet Search
  English  ▼

X  

AD9518-3 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9518-3
Description  6-Output Clock Generator with 6-Output Clock Generator with
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-3 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9518-3 Datasheet HTML 2Page - Analog Devices AD9518-3 Datasheet HTML 3Page - Analog Devices AD9518-3 Datasheet HTML 4Page - Analog Devices AD9518-3 Datasheet HTML 5Page - Analog Devices AD9518-3 Datasheet HTML 6Page - Analog Devices AD9518-3 Datasheet HTML 7Page - Analog Devices AD9518-3 Datasheet HTML 8Page - Analog Devices AD9518-3 Datasheet HTML 9Page - Analog Devices AD9518-3 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
AD9518-3
Data Sheet
Rev. B | Page 6 of 64
CLOCK INPUTS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUTS (CLK, CLK)
Differential input
Input Frequency
01
2.4
GHz
High frequency distribution (VCO divider)
01
1.6
GHz
Distribution only (VCO divider bypassed)
Input Sensitivity, Differential
150
mV p-p
Measured at 2.4 GHz; jitter performance is
improved with slew rates > 1 V/ns
Input Level, Differential
2
V p-p
Larger voltage swings may turn on the
protection diodes and may degrade jitter
performance
Input Common-Mode Voltage, VCM
1.3
1.57
1.8
V
Self-biased; enables ac coupling
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled
Input Sensitivity, Single-Ended
150
mV p-p
CLK ac-coupled; CLK ac-bypassed to RF ground
Input Resistance
3.9
4.7
5.7
kΩ
Self-biased
Input Capacitance
2
pF
1 Below about 1 MHz, the input should be dc-coupled. Care should be taken to match VCM.
CLOCK OUTPUTS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Termination = 50 Ω to VS − 2 V
OUT0, OUT1, OUT2, OUT3, OUT4, OUT5
Differential (OUT, OUT)
Output Frequency, Maximum
2950
MHz
Using direct to output; see Figure 16 for peak-
to-peak differential amplitude
Output High Voltage (VOH)
VS_LVPECL −
1.12
VS_LVPECL −
0.98
VS_LVPECL −
0.84
V
Output Low Voltage (VOL)
VS_LVPECL −
2.03
VS_LVPECL −
1.77
VS_LVPECL −
1.49
V
Output Differential Voltage (VOD)
550
790
980
mV
This is VOH − VOL for each leg of a differential pair
for default amplitude setting with driver not
toggling; the peak-to-peak amplitude measured
using a differential probe across the differential
pair with the driver toggling is roughly 2× these
values (see Figure 16 for variation over frequency)
TIMING CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL
Termination = 50 Ω to VS − 2 V; level = 810 mV
Output Rise Time, tRP
70
180
ps
20% to 80%, measured differentially
Output Fall Time, tFP
70
180
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tPECL, CLK-TO-LVPECL
OUTPUT
High Frequency Clock Distribution
Configuration
835
995
1180
ps
See Figure 28
Clock Distribution Configuration
773
933
1090
ps
See Figure 30
Variation with Temperature
0.8
ps/°C
OUTPUT SKEW, LVPECL OUTPUTS1
LVPECL Outputs That Share the Same Divider
5
15
ps
LVPECL Outputs on Different Dividers
13
40
ps
All LVPECL Outputs Across Multiple Parts
220
ps
1 This is the difference between any two similar delay paths while operating at the same voltage and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com