Electronic Components Datasheet Search
  English  ▼

X  

AD9518-3 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9518-3
Description  6-Output Clock Generator with 6-Output Clock Generator with
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-3 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9518-3 Datasheet HTML 15Page - Analog Devices AD9518-3 Datasheet HTML 16Page - Analog Devices AD9518-3 Datasheet HTML 17Page - Analog Devices AD9518-3 Datasheet HTML 18Page - Analog Devices AD9518-3 Datasheet HTML 19Page - Analog Devices AD9518-3 Datasheet HTML 20Page - Analog Devices AD9518-3 Datasheet HTML 21Page - Analog Devices AD9518-3 Datasheet HTML 22Page - Analog Devices AD9518-3 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Data Sheet
AD9518-3
Rev. B | Page 19 of 64
–100
–110
–120
–160
–150
–140
–130
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 23. Phase Noise (Absolute) Clock Generation; Internal VCO at
1.97 GHz; PFD = 15.36 MHz; LBW = 143 kHz; LVPECL Output = 122.88 MHz
–90
–100
–110
–120
–130
–140
–150
–160
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 24. Phase Noise (Absolute) Clock Cleanup; Internal VCO at 1.87 GHz;
PFD = 19.44 MHz; LBW = 12.8 kHz; LVPECL Output = 155.52 MHz
–120
–160
–150
–140
–130
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 25. Phase Noise (Absolute); External VCXO (Toyocom TCO-2112) at
245.76 MHz; PFD = 15.36 MHz; LBW = 250 Hz; LVPECL Output = 245.76 MHz
1000
100
10
1
0.1
0.01
0.1
1
10
100
1000
JITTER FREQUENCY (kHz)
OC-48 OBJECTIVE MASK
AD9518
NOTE: 375UI MAX AT 10Hz OFFSET IS THE
MAXIMUM JITTER THAT CAN BE
GENERATED BY THE TEST EQUIPMENT.
FAILURE POINT IS GREATER THAN 375UI.
fOBJ
Figure 26. GR-253 Jitter Tolerance Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com