Electronic Components Datasheet Search
  English  ▼

X  

PI-221LMF Datasheet(PDF) 54 Page - NEC

Part # PI-221LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-221LMF Datasheet(HTML) 54 Page - NEC

Back Button PI-221LMF Datasheet HTML 50Page - NEC PI-221LMF Datasheet HTML 51Page - NEC PI-221LMF Datasheet HTML 52Page - NEC PI-221LMF Datasheet HTML 53Page - NEC PI-221LMF Datasheet HTML 54Page - NEC PI-221LMF Datasheet HTML 55Page - NEC PI-221LMF Datasheet HTML 56Page - NEC PI-221LMF Datasheet HTML 57Page - NEC PI-221LMF Datasheet HTML 58Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 104 page
background image
Power Inductors VOL.10
54
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
P
・I-S Series(1000pcs./reel)
W2
C
E
D
r
W1
A
P1
P0 P2
T1
T2
øD0
[mm]
AB
C
D
E
r
W1
W2
± 2.0
± 5.0
± 0.5
± 0.8
± 0.5
330
80
13
21
2.0
R1.0
16
25
[mm]
AB
W
F
E
P1
P2
P0
øD0
T1
T2
± 0.2
± 0.1
± 0.3
± 0.1
± 0.1
± 0.1
± 0.1
± 0.1
± 0.05
± 0.1
± 0.05
8.2
10.05
16
7.5
1.75
12
2.0
4.0
1.55
4.7
0.38
Dimensions of indented square hole plastic tape
Reel dimensions
Numbering System
P
・I -
① Series
② Inductance 120:12μH、121:120μH、4R7:4.7μH
③ Type L : Choke Coils, Z : Noise suppressor
④ Dimensions
⑤ NEC TOKIN control number
DC-Superposed Characteristics
1
10
100
50
200
10
100
1000
10000
Idc (mA)
P・I-LSF
Type
P
・I-470LSF
P
・I-220LSF
P
・I-120LSF
1
10
100
50
200
10
100
1000
10000
Idc (mA)
P・I-LMF
Type
P
・I-121LMF
P
・I-330LMF
P
・I-180LMF
P
・I-680LMF
P
・I-121ZMF
P
・I-560ZMF
P
・I-270ZMF
1
10
100
50
200
10
100
1000
10000
Idc (mA)
P・I-ZMF
Type
P
・I-820ZSF
P
・I-470ZSF
P
・I-390ZSF
P
・I-180ZSF
P
・I-100ZSF
P
・I-4R7ZSF
1
10
100
50
200
10
100
1000
10000
Idc (mA)
P・I-ZSF
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com