Electronic Components Datasheet Search
  English  ▼

X  

PI-221LMF Datasheet(PDF) 82 Page - NEC

Part # PI-221LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-221LMF Datasheet(HTML) 82 Page - NEC

Back Button PI-221LMF Datasheet HTML 78Page - NEC PI-221LMF Datasheet HTML 79Page - NEC PI-221LMF Datasheet HTML 80Page - NEC PI-221LMF Datasheet HTML 81Page - NEC PI-221LMF Datasheet HTML 82Page - NEC PI-221LMF Datasheet HTML 83Page - NEC PI-221LMF Datasheet HTML 84Page - NEC PI-221LMF Datasheet HTML 85Page - NEC PI-221LMF Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
Power Inductors VOL.10
82
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
TEMP. (˚C)
60
∼120s
300
250
230
170
150
0
30
∼40s
5s max.
Time
1
∼2℃/s or under
(all rate of rising temperature)
Precautions for product storage
Storage condition
• Avoid storage in high temperature and high humidity
environment as such condition may deteriorate the
solderability of external electrode.
• Avoid storage in atmosphere containing toxic gasses or
acid (e.g. sulpher and chlorine) as such gas may
deteriorate the solderability of external electrode.
• Avoid storage near strong magnetic field as such
condition may magnetize the product.
Storage after unpacking
• Products should be stored in environment with
temperature lower than 40˚C and humidity lower than
70%RH.
• To achieve best solderability, use the products as soon
as possible after unpacking. Store the leftover product
in dry condition with desiccant.
Shelf Life
Use within 6 months. If the product is used after a
storage period of 6 months or longer, confirm its
solderability before use.
Recommended conditions for soldering
• Soldering iron:
Soldering iron temperature: 280˚C to 320˚C
Soldering duration: approx. 4 sec.
• Flow soldering:
Preheating: Approx. 100˚C to 150˚C for 1 min.
Soldering temperature: 260˚C
±5˚C for 10±1 sec.
• Reflow soldering:
Refer to the following temperature profile.
Precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com