Electronic Components Datasheet Search
  English  ▼

X  

320A Datasheet(PDF) 38 Page - NEC

Part # 320A
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

320A Datasheet(HTML) 38 Page - NEC

Back Button 320A Datasheet HTML 34Page - NEC 320A Datasheet HTML 35Page - NEC 320A Datasheet HTML 36Page - NEC 320A Datasheet HTML 37Page - NEC 320A Datasheet HTML 38Page - NEC 320A Datasheet HTML 39Page - NEC 320A Datasheet HTML 40Page - NEC 320A Datasheet HTML 41Page - NEC 320A Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Noise Filters VOL.11
38
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
E
E
Caution: E represents a screw installation portion (M8) in modelRG-208F.
bRG-208F2
bRG-208F, 208F1, 208V-A
Circuit Diagram
RG Series
[RoHS Compliant]
RG Series
[RoHS Compliant]
RG-208F
250
8
1500
100
1
2
55
–20 to +50
TÜV
320
RG-208F1
250
8
1500
100
1
2
55
–20 to +50
UL, TÜV
320
RG-208F2
250
8
1500
100
1
2
55
–20 to +50
UL, TÜV
220
RG-208V-A
250
8
1500
100
1
2
55
–20 to +50
TÜV
370
Rated
Rated
WithstandingInsulation resistance Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
bRG-208V-A
bRG-208F, 208F1, 208F2
50
200
80
12
M8
E
M8
E
A
B
C
4-Faston® tab terminal#250
D
Lead: UL1015AWG#16
*Faston® is a registered trademark of Tyco Electronics AMP.
Label
Label
*Recommended torque (N・m) max. ◆Earth terminal (M8: 4.41)
Shape and Dimensions
Model
A
B
C
D
RG-208F/F1
12
90
13
50
RG-208F2
12
60
13
50
[mm]
Casing Type
Metal cylinder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com