Electronic Components Datasheet Search
  English  ▼

X  

320A Datasheet(PDF) 17 Page - NEC

Part # 320A
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

320A Datasheet(HTML) 17 Page - NEC

Back Button 320A Datasheet HTML 13Page - NEC 320A Datasheet HTML 14Page - NEC 320A Datasheet HTML 15Page - NEC 320A Datasheet HTML 16Page - NEC 320A Datasheet HTML 17Page - NEC 320A Datasheet HTML 18Page - NEC 320A Datasheet HTML 19Page - NEC 320A Datasheet HTML 20Page - NEC 320A Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
Noise Filters VOL.11
17
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
LF-340 Common mode
LF-330 Common mode
LF-330
Normal mode
LF-340
Normal mode
LF-350 Normal mode
LF-360 Normal mode
LF-360 Common mode
LF-350 Common mode
80
LF-320 Normal mode
70
60
50
40
30
20
10
0
LF-305 Common mode
LF-310
Common mode
100
90
80
70
60
50
40
30
20
10
0
LF-315 Normal mode
LF-320 Common mode
LF-315 Common mode
Frequency (MHz)
Frequency (MHz)
0.1
24
6
8 1
2
4
6
8 10
20
0.1
0.5
1.0
5.0
10
20 30
100
90
80
70
60
50
40
30
20
10
0
Frequency (MHz)
0.1
0.5
1.0
5.0
10
20 30
100
90
80
70
60
50
40
30
20
10
0
Frequency (MHz)
0.1
0.5
1.0
5.0
10
20 30
Attenuation (Static Characteristics)
bCommon mode
bNormal mode
P
Z 0
Z 0
P: Power divider
Z 0 : 50
Z 0 : 50
Z 0
Z 0
Z 0
Z 0
Z 0
Z 0
EMI/EMC
filter
EMI/EMC
filter
Measuring Circuit
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com