Electronic Components Datasheet Search
  English  ▼

X  

AAA Datasheet(PDF) 11 Page - Silicon Laboratories

Part # AAA
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AAA Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button AAA Datasheet HTML 7Page - Silicon Laboratories AAA Datasheet HTML 8Page - Silicon Laboratories AAA Datasheet HTML 9Page - Silicon Laboratories AAA Datasheet HTML 10Page - Silicon Laboratories AAA Datasheet HTML 11Page - Silicon Laboratories AAA Datasheet HTML 12Page - Silicon Laboratories AAA Datasheet HTML 13Page - Silicon Laboratories AAA Datasheet HTML 14Page - Silicon Laboratories AAA Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Si4010-DK
Rev. 0.1
11
2.6. Device Version
1.
The device ID information can be read through the IDE through Views
 Debug Windows  Si4010 
XREG Regs. The last item bREV_ID is the device revision. The user can also call the API function
bSys_GetRevId()
.
2.
The trim version can be read by the Silicon Labs IDE as External Memory through Views
 Debug Win-
dows -> External Memory at location 0x11D6. There is a macro bSys_TrimId_c defined in the headers
for use in customer code as well. The user needs to know the TrimId before writing any code, so the man-
ual access to it is adequate. The trim version will rarely change and customers will be notified about the
change.The provided NVM burner program reads both the bREV_ID device revision and the trim version
bSys_TrimId
in the [Device] tab after the burner is connected to the device.
2.7. Debugging Application which Drives LED
To maximize utilization of the package pins, the LED current driver output is shared with the debug chain clock
signal C2CLK. To share the functionality and be able to use the IDE for debugging there are some limitations to
note and rules to follow. The following figure shows the recommended connection of the USB 10-pin debug header
to the device in the user application.
Note: The LED must be isolated by the 470
 resistor for the debug chain to work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com