Electronic Components Datasheet Search
  English  ▼

X  

AAA Datasheet(PDF) 16 Page - Silicon Laboratories

Part # AAA
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AAA Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button AAA Datasheet HTML 12Page - Silicon Laboratories AAA Datasheet HTML 13Page - Silicon Laboratories AAA Datasheet HTML 14Page - Silicon Laboratories AAA Datasheet HTML 15Page - Silicon Laboratories AAA Datasheet HTML 16Page - Silicon Laboratories AAA Datasheet HTML 17Page - Silicon Laboratories AAA Datasheet HTML 18Page - Silicon Laboratories AAA Datasheet HTML 19Page - Silicon Laboratories AAA Datasheet HTML 20Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Si4010-DK
16
Rev. 0.1
ret
; -- End of assembly
END
;
;---------------------------------------------------------------------------
;
The function is able to determine whether the device is connected to the IDE chain.
If it is not connected, then the function turns the C2 interface off. Once that is
done it is not possible to turn the C2 interface back on unless the power to the
device,
or
at
least
to
the
digital
portion
of
the
device,
is
cycled.
See
the
discussion below about advantages and disadvantages.
The following is an example of how to use the vLedOn() function:
/* Clear the GPIO_LED off after reset .. reset will set this bit! */
GPIO_LED = 0;
/* Set LED intensity .. acceptable values are 0 (off) or 1, 2, and 3 */
vSys_LedIntensity( 3 );
…
/* Turn the LED on at currently set intensity */
vLedOn();
…
/* Turn the LED off, keep the intensity setting */
GPIO_LED = 0;
Following are the advantages and disadvantages of this solution:
Advantages:
1. Uniform code, no need for conditional compilation, the GPIO4 and LED will function as expected under all
scenarios.
2. The user can use the GPIO_LED=1 in the code, which will block the GPIO4. But subsequent call to
vLedOn()
will clear the blocking of the GPIO4 and it will start functioning normally again.
Disadvantages:
1. Once the LED is physically blinked then it is not possible for the IDE to connect to the part until the power is
cycled or the vSys_Shutdown() is called from within the application. It is up to the user to make sure that the
power is cycled.
2. If the part is programmed as the User part with the option to execute the user code after the boot automatically
without stopping, then the user application must not use the vLedOn() function just to blink LED without a user
input. If the application blinks the LED on its own, then the IDE will not be able to connect to the part, since the
C2 interface is disabled at the time when the LED is turned on. If the user does not use the option to execute
user code without stopping after the boot, there is not a problem since the device will load User code after the
reset and wait for further instructions, essentially waiting for the IDE to connect to it without executing the User
code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com