Electronic Components Datasheet Search
  English  ▼

X  

THS6204IPWPR Datasheet(PDF) 17 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 13Page - Texas Instruments THS6204IPWPR Datasheet HTML 14Page - Texas Instruments THS6204IPWPR Datasheet HTML 15Page - Texas Instruments THS6204IPWPR Datasheet HTML 16Page - Texas Instruments THS6204IPWPR Datasheet HTML 17Page - Texas Instruments THS6204IPWPR Datasheet HTML 18Page - Texas Instruments THS6204IPWPR Datasheet HTML 19Page - Texas Instruments THS6204IPWPR Datasheet HTML 20Page - Texas Instruments THS6204IPWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
TYPICAL CHARACTERISTICS: VS = ±6V, Full Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
10
100
300
G
=1V/V
V
=2V
R =100
CM
O
PP
L
W
G
=5V/V
DIFF
G
=10V/V
DIFF
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
10
100
300
G
=5V/V
G
=1V/V
V
=2V
R =100
DIFF
CM
O
PP
L
W
75%Bias
FullBias
50%Bias
12
8
4
0
4
8
12
-
-
-
Time(10ns/div)
G
=10V/V
G
=1V/V
R =100
DIFF
CM
L
W
R =1.2k
F
W
Small-Signal 500mV
RightScale
±
P
1.2
0.8
4
0
4
8
1.2
0.
0.
0.
-
-
-
Large-SignalPulseResponse
( 10V )LeftScale
±
P
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
0
50
350
G
=5V/V
G
=1V/V
R =100
DIFF
CM
L
W
300
250
200
150
100
V
=16V
O
PP
V
=2V
O
PP
V
=4V
O
PP
V
=20V
O
PP
100
10
1
CapacitiveLoad(pF)
1
10
1000
100
17
14
11
8
5
2
Frequency(Hz)
10M
100M
300M
THS6204
R
S
THS6204
R
S
C
L
1kW
Optional
V
IN
V
OUT
R Optimizedfor100%Bias
S
470pF
100pF
39pF
22pF
47pF
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
At TA = +25°C, GDIFF = +5V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.82kΩ, and RL = 100Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
FULL BIAS FREQUENCY RESPONSE
Figure 44.
Figure 45.
SMALL-SIGNAL AND LARGE-SIGNAL
LARGE-SIGNAL FREQUENCY RESPONSE
PULSE RESPONSE
Figure 46.
Figure 47.
DIFFERENTIAL RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 48.
Figure 49.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com