Electronic Components Datasheet Search
  English  ▼

X  

THS6204IPWPR Datasheet(PDF) 24 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 20Page - Texas Instruments THS6204IPWPR Datasheet HTML 21Page - Texas Instruments THS6204IPWPR Datasheet HTML 22Page - Texas Instruments THS6204IPWPR Datasheet HTML 23Page - Texas Instruments THS6204IPWPR Datasheet HTML 24Page - Texas Instruments THS6204IPWPR Datasheet HTML 25Page - Texas Instruments THS6204IPWPR Datasheet HTML 26Page - Texas Instruments THS6204IPWPR Datasheet HTML 27Page - Texas Instruments THS6204IPWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
APPLICATION INFORMATION
WIDEBAND CURRENT-FEEDBACK
A
=1+
D
2 ´
R
F
R
G
(1)
R
L
R
F
1.24kW
R
F
1.24kW
-12V
+12V
1/2
THS6204
1/2
THS6204
R
G
274W
V
O
V
I
G
=1+
DIFF
=
2
R
´ F
R
G
V
O
V
I
THS6204
SBOS416C – OCTOBER 2007 – REVISED APRIL 2009 ................................................................................................................................................... www.ti.com
This approach provides for a source termination
OPERATION
impedance at the input that is independent of the
signal gain. For instance, simple differential filters
The THS6204 gives the exceptional ac performance
may be included in the signal path right up to the
of a wideband current-feedback op amp with a highly
noninverting inputs without interacting with the gain
linear,
high-power
output
stage.
Requiring
only
setting. The differential signal gain for the circuit of
9mA/ch quiescent current, the THS6204 swings to
Figure 81 is:
within 1V of either supply rail and delivers in excess
of 380mA at room temperature. This low-output
headroom requirement, along with supply voltage
independent biasing, gives remarkable ±6V supply
operation.
The
THS6204
delivers
greater
than
Because the THS6204 is a current feedback (CFB)
145MHz bandwidth driving a 2VPP output into 100Ω
amplifier, its bandwidth is primarily controlled with the
on a ±6V supply. Previous boosted output stage
feedback resistor value; Figure 81 shows a value of
amplifiers typically suffer from very poor crossover
274
Ω for the AD = +10V/V design. The differential
distortion as the output current goes through zero.
gain, however, may be adjusted with considerable
The THS6204 achieves a comparable power gain
freedom using just the RG resistor. In fact, RG may be
with much better linearity. The primary advantage of
a reactive network providing a very isolated shaping
a current-feedback op amp over a voltage-feedback
to the differential frequency response.
op amp is that ac performance (bandwidth and
Various combinations of single-supply or ac-coupled
distortion) is relatively independent of signal gain.
gain can also be delivered using the basic circuit of
Figure 81 shows the dc-coupled, gain of +10V/V, dual
Figure 81. Common-mode bias voltages on the two
power-supply circuit configuration used as the basis
noninverting inputs pass on to the output with a gain
of the ±12V Electrical and Typical Characteristics. For
of +1V/V since an equal dc voltage at each inverting
test purposes, the input impedance is set to 50
Ω with
node creates no current through RG. This circuit does
a resistor to ground and the output impedance is set
show a common-mode gain of +1V/V from input to
to 50
Ω with a series output resistor. Voltage swings
output. The source connection should either remove
reported in the electrical characteristics are taken
this common-mode signal if undesired (using an input
directly at the input and output pins, whereas load
transformer
can
provide
this
function),
or
the
powers (dBm) are defined at a matched 50
Ω load.
common-mode voltage at the inputs can be used to
For the circuit of Figure 81, the total effective load is
set the output common-mode bias. If the low
100
Ω || 1.24kΩ || 1.24kΩ = 86.1Ω.
common-mode rejection of this circuit is a problem,
the output interface may also be used to reject that
common-mode.
For
instance,
most
modern
differential input ADCs reject common-mode signals
very well, while a line driver application through a
transformer will also attenuate the common-mode
signal through to the line.
Figure 81. Noninverting Differential I/O Amplifier
24
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com