Electronic Components Datasheet Search
  English  ▼

X  

DAC5652A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652A
Description  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652A Datasheet(HTML) 2 Page - Texas Instruments

  DAC5652A Datasheet HTML 1Page - Texas Instruments DAC5652A Datasheet HTML 2Page - Texas Instruments DAC5652A Datasheet HTML 3Page - Texas Instruments DAC5652A Datasheet HTML 4Page - Texas Instruments DAC5652A Datasheet HTML 5Page - Texas Instruments DAC5652A Datasheet HTML 6Page - Texas Instruments DAC5652A Datasheet HTML 7Page - Texas Instruments DAC5652A Datasheet HTML 8Page - Texas Instruments DAC5652A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DE-
MUX
DA[9:0]
DB[9:0]
MODE
GSET
Latch A
Latch B
10−b DAC
10−b DAC
IOUTA1
IOUTA2
IOUTB1
IOUTB2
1.2 V Reference
WRTB
WRTA
CLKB
CLKA
BIASJ_A
BIASJ_B
EXTIO
DVDD
DGND
AVDD
AGND
SLEEP
DAC5652A
SLAS535D – SEPTEMBER 2007 – REVISED AUGUST 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
48-Pin TQFP
DAC5652AIPFB
–40°C to 85°C
DAC5652AIPFBR
THERMAL INFORMATION
DAC5652A
THERMAL METRIC(1)(2)
UNITS
PFB (48 PINS)
θJA
Junction-to-ambient thermal resistance
65.3
θJCtop
Junction-to-case (top) thermal resistance
16.4
θJB
Junction-to-board thermal resistance
28.6
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
28.4
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
2
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: DAC5652A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com