Electronic Components Datasheet Search
  English  ▼

X  

DAC5652MPFBREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652MPFBREP
Description  DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652MPFBREP Datasheet(HTML) 5 Page - Texas Instruments

  DAC5652MPFBREP Datasheet HTML 1Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 2Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DAC5652-EP
SGLS341B – JUNE 2006 – REVISED OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
UNIT
AVDD(2)
–0.5 V to 4 V
Supply voltage range
DVDD(3)
–0.5 V to 4 V
Voltage between AGND and DGND
–0.5 V to 0.5 V
Voltage between AVDD and DVDD
–0.5 V to 0.5 V
DA[9:0] and DB[9:0](3)
–0.5 V to DVDD + 0.5 V
MODE, CLKA, CLKB, WRTA, WRTB(3)
–0.5 V to DVDD + 0.5 V
Supply voltage range
IOUTA1, IOUTA2, IOUTB1, IOUTB2(2)
–1 V to AVDD + 0.5 V
EXTIO, BIASJ_A, BIASJ_B, SLEEP(2)
–0.5 V to AVDD + 0.5 V
Peak input current (any input)
20 mA
Peak total input current (all inputs)
–30 mA
Operating free-air temperature range
–55
°C to 125°C
Storage temperature range
–65
°C to 150°C
Lead temperature
1,6 mm (1/16 in) from the case for 10 s
260
°C
Junction temperature, TJ(4)
105
°C
Still air
19.88
°C/W
Junction-to-ambient temperature,
θ
JA
(5)
150 lfm
14.37
°C/W
Junction-to-case temperature,
θ
JC
0.12
°C/W
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND
(3)
Measured with respect to DGND
(4)
Airflow or heatsinking required for sustained operation at 85
°C and maximum operating conditions to maintain junction temperature.
(5)
Airflow or heatsinking reduces
θ
JA and is highly recommended.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com