Electronic Components Datasheet Search
  English  ▼

X  

DAC5652MPFBREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652MPFBREP
Description  DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652MPFBREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5652MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 9Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 10Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5652-EP
SGLS341B – JUNE 2006 – REVISED OCTOBER 2006
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz,
independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load resistor
75
90
IAVDD
Supply current, analog
Sleep mode with clock
2.5
mA
Sleep mode without clock
2.5
12
20
IDVDD
Supply current, digital
Sleep mode with clock
11.3
18
mA
Sleep mode without clock
0.6
290
360
Sleep mode with clock
45.5
Power dissipation
mW
Sleep mode without clock
9.2
fDATA = 200 MSPS, fOUT = 20 MHz
310
APSRR
Analog power-supply rejection ratio
–0.2
–0.01
0.2
%FSR/V
DPSRR
Digital power-supply rejection ratio
–0.2
0
0.2
%FSR/V
TA
Operating free-air temperature
–55
125
°C
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com