Electronic Components Datasheet Search
  English  ▼

X  

DAC5652MPFBEP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652MPFBEP
Description  DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652MPFBEP Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC5652MPFBEP Datasheet HTML 14Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 15Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 16Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 17Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 18Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 19Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 20Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 21Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
www.ti.com
V
OUTDIFF +
V
OUT1 *
V
OUT2
(7)
V
OUTDIFF +
(2
Code * 1023)
1024
I
OUTFS
R
LOAD
(8)
Analog Outputs
AVDD
Current Source Array
S(1)
S(1)C
RLOAD
RLOAD
S(2)
S(2)C
S(N)
S(N)C
IOUT2
IOUT1
DAC5652-EP
SGLS341B – JUNE 2006 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
The total differential output voltage is:
The DAC5652 provides two complementary current outputs, IOUT1 and IOUT2. The simplified circuit of the analog
output stage representing the differential topology is shown in Figure 18. The output impedance of IOUT1 and
IOUT2 results from the parallel combination of the differential switches, along with the current sources and
associated parasitic capacitances.
Figure 18. Analog Outputs
The signal voltage swing that may develop at the two outputs, IOUT1 and IOUT2, is limited by a negative and
positive compliance. The negative limit of –1 V is given by the breakdown voltage of the CMOS process and
exceeding it compromises the reliability of the DAC5652 (or even causes permanent damage). With the
full-scale output set to 20 mA, the positive compliance equals 1.2 V. Note that the compliance range decreases
to about 1 V for a selected output current of IOUTFS = 2 mA. Care must be taken that the configuration of
DAC5652 does not exceed the compliance range to avoid degradation of the distortion performance and integral
linearity.
Best distortion performance is typically achieved with the maximum full-scale output signal limited to
approximately 0.5 VPP. This is the case for a 50-Ω doubly-terminated load and a 20-mA full-scale output current.
A variety of loads can be adapted to the output of the DAC5652 by selecting a suitable transformer while
maintaining optimum voltage levels at IOUT1 and IOUT2. Furthermore, using the differential output configuration in
combination with a transformer is instrumental for achieving excellent distortion performance. Common-mode
errors, such as even-order harmonics or noise, can be substantially reduced. This is particularly the case with
high output frequencies.
For those applications requiring the optimum distortion and noise performance, it is recommended to select a
full-scale output of 20 mA. A lower full-scale range of 2 mA may be considered for applications that require low
power consumption, but can tolerate a slight reduction in performance level.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com