Electronic Components Datasheet Search
  English  ▼

X  

DAC5652MPFBEP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652MPFBEP
Description  DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652MPFBEP Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC5652MPFBEP Datasheet HTML 15Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 16Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 17Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 18Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 19Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 20Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 21Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 22Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
Output Configurations
Differential With Transformer
1:1
50
Ω
50
Ω
RLOAD
50
Ω
100
Ω
AGND
IOUT2
IOUT1
DAC5652-EP
SGLS341B – JUNE 2006 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
The current outputs of the DAC5652 allow for a variety of configurations. As mentioned previously, utilizing the
converter’s differential outputs yield the best dynamic performance. Such a differential output circuit may consist
of an RF transformer or a differential amplifier configuration. The transformer configuration is ideal for most
applications with ac coupling, while operational amplifiers are suitable for a dc-coupled configuration.
The single-ended configuration may be considered for applications requiring a unipolar output voltage.
Connecting a resistor from either one of the outputs to ground converts the output current into a
ground-referenced voltage signal. To improve on the dc linearity by maintaining a virtual ground, an I-to-V or
operational amplifier configuration may be considered.
Using an RF transformer provides a convenient way of converting the differential output signal into a
single-ended signal while achieving excellent dynamic performance. The appropriate transformer must be
carefully selected based on the output frequency spectrum and impedance requirements.
The differential transformer configuration has the benefit of significantly reducing common-mode signals, thus
improving the dynamic performance over a wide range of frequencies. Furthermore, by selecting a suitable
impedance ratio (winding ratio), the transformer can provide optimum impedance matching while controlling the
compliance voltage for the converter outputs.
Figure 19 and Figure 20 show 50-
Ω doubly-terminated transformer configurations with 1:1 and 4:1 impedance
ratios, respectively. Note that the center tap of the primary input of the transformer has to be grounded to enable
a dc-current flow. Applying a 20-mA full-scale output current leads to a 0.5-VPP output for a 1:1 transformer and
a 1-VPP output for a 4:1 transformer. In general, the 1:1 transformer configuration has slightly better output
distortion, but the 4:1 transformer has 6-dB higher output power.
Figure 19. Driving a Doubly-Terminated 50-
Ω Cable Using a 1:1 Impedance Ratio Transformer
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com