Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBEP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672MPFBEP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672MPFBEP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC5672MPFBEP Datasheet HTML 8Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 9Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 10Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 11Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 12Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 13Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 14Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 15Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
f − Frequency − MHz
−110
−90
−70
−50
−30
−10
19.0
19.5
20.0
20.5
21.0
21.5
22.0
fdata = 78 MSPS
fout1 = 20.1 MHz
fout2 = 21.1 MHz
Dual Bus Mode
G011
f − Frequency − MHz
−110
−90
−70
−50
−30
−10
29.0
29.5
30.0
30.5
31.0
31.5
32.0
fdata = 165 MSPS
fout1 = 30.1 MHz
fout2 = 31.1 MHz
Dual Bus Mode
G012
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
1
2
3
4
5
6
7
8
9
10
fdata = 122.88 MSPS
Baseband Signal
Dual Bus Mode
G013
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
7.6
10.1
12.6
15.1
17.6
20.1
22.6
fdata = 61.44 MSPS
IF = 15.36 MHz
ACLR = 75.18 dB
Dual Bus Mode
G014
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
TWO-TONE SPECTRUM
TWO-TONE SPECTRUM
Figure 12.
Figure 13.
POWER
POWER
vs
vs
FREQUENCY
FREQUENCY
Figure 14.
Figure 15.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com