Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBEP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672MPFBEP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672MPFBEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5672MPFBEP Datasheet HTML 9Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 10Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 11Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 12Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 13Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 14Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 15Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 16Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
7.6
10.1
12.6
15.1
17.6
20.1
22.6
fdata = 122.88 MSPS
IF = 15.36 MHz
ACLR = 77.16 dB
Dual Bus Mode
G015
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
23.0
25.5
28.0
30.5
33.0
35.5
38.0
fdata = 122.88 MSPS
IF = 30.72 MHz
ACLR = 72.7 dB
Dual Bus Mode
G016
DIGITAL INPUTS AND TIMING
Digital Inputs
DA[13:0]
DB[13:0]
SLEEP
CLKA/B
WRTA/B
Internal
Digital In
DVDD
DGND
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
POWER
POWER
vs
vs
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
The data input ports of the DAC5672 accept a standard positive coding with data bits DA13 and DB13 being the
most significant bits (MSBs). The converter outputs are specified to support a clock rate up to 200 MSPS. The
best performance is typically achieved with a symmetric duty cycle for write and clock; however, the duty cycle
may vary as long as the timing specifications are met. Similarly, the setup and hold times may be chosen within
their specified limits.
All digital inputs of the DAC5672 are CMOS compatible. Figure 18 and Figure 19 show schematics of the
equivalent CMOS digital inputs of the DAC5672. The 14-bit digital data input follows the offset positive binary
coding scheme. The DAC5672 is designed to operate with a digital supply (DVDD) of 3 V to 3.6 V.
Figure 18. CMOS/TTL Digital Equivalent Input With Internal Pulldown Resistor
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com