Electronic Components Datasheet Search
  English  ▼

X  

74F109PC Datasheet(PDF) 3 Page - Texas Instruments

Part # 74F109PC
Description  Dual JK (Note: Overbar Over the K) Positive Edge-Triggered Flip-Flop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F109PC Datasheet(HTML) 3 Page - Texas Instruments

  74F109PC Datasheet HTML 1Page - Texas Instruments 74F109PC Datasheet HTML 2Page - Texas Instruments 74F109PC Datasheet HTML 3Page - Texas Instruments 74F109PC Datasheet HTML 4Page - Texas Instruments 74F109PC Datasheet HTML 5Page - Texas Instruments 74F109PC Datasheet HTML 6Page - Texas Instruments 74F109PC Datasheet HTML 7Page - Texas Instruments 74F109PC Datasheet HTML 8Page - Texas Instruments 74F109PC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Connection Diagrams
Unit Loading/Fan Out
See Section 0 for U.L. definitions
54F/74F
Pin Names
Description
U.L.
Input I
IH/IIL
HIGH/LOW
Output I
OH/IOL
J
1,J2,K1,K2
Data Inputs
1.0/1.0
20 µA/−0.6 mA
CP
1,CP2
Clock Pulse Inputs (Active Rising Edge)
1.0/1.0
20 µA/−0.6 mA
C
D1,CD2
Direct Clear Inputs (Active LOW)
1.0/3.0
20 µA/−1.8 mA
S
D1,SD2
Direct Set Inputs (Active LOW)
1.0/3.0
20 µA/−1.8 mA
Q
1,Q2,Q1,Q2
Outputs
50/33.3
−1 mA/20 mA
Truth Table
Inputs
Outputs
S
D
C
D
CP
J
K
QQ
LH
X
X
X
HL
HL
X
X
X
LH
LL
X
X
X
H
H
HH
N
ll
L
H
HH
N
h
l
Toggle
HH
N
lh
Q
0
Q
0
HH
N
hh
H
L
HH
L
X
X
Q
0
Q
0
H (h) = HIGH Voltage Level
L (l) = LOW Voltage Level
N = LOW-to-HIGH Transition
X = Immaterial
Q0 (Q0) = Before LOW-to-HIGH Transition of Clock
Lower case letters indicate the state of the referenced output one setup time prior to the LOW-to-HIGH clock transition.
Pin Assignment
for DIP, SOIC and Flatpak
DS009471-1
Pin Assignment
for LCC
DS009471-2
PrintDate=1997/08/28 PrintTime=11:45:23 10182 ds009471 Rev. No. 1
cmserv
Proof
2
DSXXX
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com