Electronic Components Datasheet Search
  English  ▼

X  

74F109PC Datasheet(PDF) 6 Page - Texas Instruments

Part # 74F109PC
Description  Dual JK (Note: Overbar Over the K) Positive Edge-Triggered Flip-Flop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F109PC Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74F109PC Datasheet HTML 2Page - Texas Instruments 74F109PC Datasheet HTML 3Page - Texas Instruments 74F109PC Datasheet HTML 4Page - Texas Instruments 74F109PC Datasheet HTML 5Page - Texas Instruments 74F109PC Datasheet HTML 6Page - Texas Instruments 74F109PC Datasheet HTML 7Page - Texas Instruments 74F109PC Datasheet HTML 8Page - Texas Instruments 74F109PC Datasheet HTML 9Page - Texas Instruments 74F109PC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC Electrical Characteristics (Continued)
See Section 0 for Waveforms and Load Configurations
74F
54F
74F
T
A = +25˚C
T
A,VCC = Mil
T
A,VCC = Com
Fig.
Symbol
Parameter
V
CC = +5.0V
C
L = 50 pF
C
L = 50 pF
Units
No.
C
L = 50 pF
Min
Typ
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
3.8
5.3
7.0
3.8
9.0
3.8
8.0
ns
kk-kk
t
PHL
CP
n to Qn or Qn
4.4
6.2
8.0
4.4
10.5
4.4
9.2
t
PLH
Propagation Delay
3.2
5.2
7.0
3.2
9.0
3.2
8.0
t
PHL
C
Dn or SDn to
3.5
7.0
9.0
3.5
11.5
3.5
10.5
ns
kk-kk
Q
n or Qn
AC Operating Requirements
See Section 0 for Waveforms
74F
54F
74F
Symbol
Parameter
T
A = +25˚C
T
A,VCC = Mil
T
A,VCC = Com
Units
Fig.
V
CC = +5.0V
No.
Min
Max
Min
Max
Min
Max
t
s(H)
Setup Time, HIGH or LOW
3.0
3.0
3.0
t
s(L)
J
n or Kn to CPn
3.0
4.0
3.0
ns
kk-kk
t
h(H)
Hold Time, HIGH or LOW
1.0
1.0
1.0
t
h(L)
J
n or Kn to CPn
1.0
1.0
1.0
t
w(H)
CP
n Pulse Width
4.0
4.0
4.0
ns
kk-kk
t
w(L)
HIGH or LOW
5.0
5.0
5.0
t
w(L)
C
Dn or SDn Pulse Width,
4.0
4.0
4.0
ns
kk-kk
LOW
t
rec
Recovery Time
2.0
2.0
2.0
ns
kk-kk
C
Dn or SDn to CP
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are de-
fined as follows:
DS009471-7
5
www.national.com
PrintDate=1997/08/28 PrintTime=11:45:30 10182 ds009471 Rev. No. 1
cmserv
Proof
5
Book
Extract
End
DSXXX
DSXXX
DSXXX
DSXXX
DSXXX
DSXXX
DSXXX
DSXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com