Electronic Components Datasheet Search
  English  ▼

X  

SSB44-3R3 Datasheet(PDF) 74 Page - NEC

Part # SSB44-3R3
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-3R3 Datasheet(HTML) 74 Page - NEC

Back Button SSB44-3R3 Datasheet HTML 70Page - NEC SSB44-3R3 Datasheet HTML 71Page - NEC SSB44-3R3 Datasheet HTML 72Page - NEC SSB44-3R3 Datasheet HTML 73Page - NEC SSB44-3R3 Datasheet HTML 74Page - NEC SSB44-3R3 Datasheet HTML 75Page - NEC SSB44-3R3 Datasheet HTML 76Page - NEC SSB44-3R3 Datasheet HTML 77Page - NEC SSB44-3R3 Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
Power Inductors VOL.10
74
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
100
80
60
40
20
10
30
50
70
90
0
02
19
8
7
6
5
4
310
Idc
(A)
500
450
400
350
300
250
200
150
100
50
0
01
4
3
25
Idc
(A)
H
・DI-1280G-680
H
・DI-1280G-470
H
・DI-1280G-330
H
・DI-1280G-220
H
・DI-1280G-150
H
・DI-1280G-100
H
・DI-1280G-221
H
・DI-1280G-151
H
・DI-1280G-101
H
・DI-1280G-680
H
・DI-1280G-470
H
・DI-1280G-330
H
・DI-1280G-220
H
・DI-1280G-150
H
・DI-1280G-100
H
・DI-1280G-221
H
・DI-1280G-151
H
・DI-1280G-101
DC-Superposed Characteristics
Idc
(A)
9
8
7
6
5
4
3
2
1
10
0
05
12
3
4
9
6
7
8
10 11 12 1314
16 17 1819
15
20
H
H
・DI-1280G-6R0
H
・DI-1280G-4R7
H
・DI-1280G-3R3
H
・DI-1280G-2R7
H
・DI-1280G-1R7
H
・DI-1280G-6R0
H
・DI-1280G-4R7
H
・DI-1280G-3R3
H
・DI-1280G-2R7
H
・DI-1280G-1R7
H
・DI-1280G Series(500pcs./reel)
Dimensions of indented square hole plastic tape
Reel dimensions
[mm]
AB
C
D
E
F
G
H
J
K
t
± 0.1
± 0.1
± 0.3
± 0.1
± 0.1
± 0.1 ± 0.05 ± 0.1 +0.1, –0 ± 0.1 ± 0.05
12.6
12.6
24.0
11.5
1.75
16.0
2.0
4.0
ø1.5
8.6
0.4
[mm]
AB
C
D
E
r
W1
W2
± 2.0
± 5.0
± 0.5
± 1.0
± 0.5
± 2.0
± 3.0
330
80
13
21
2.0
R1.0
24.4
27.4
W2
C
E
D
r
W1
A
B
F
t
K
GH
J
Packing position
terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com