Electronic Components Datasheet Search
  English  ▼

X  

SSB44-3R3 Datasheet(PDF) 84 Page - NEC

Part # SSB44-3R3
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-3R3 Datasheet(HTML) 84 Page - NEC

Back Button SSB44-3R3 Datasheet HTML 80Page - NEC SSB44-3R3 Datasheet HTML 81Page - NEC SSB44-3R3 Datasheet HTML 82Page - NEC SSB44-3R3 Datasheet HTML 83Page - NEC SSB44-3R3 Datasheet HTML 84Page - NEC SSB44-3R3 Datasheet HTML 85Page - NEC SSB44-3R3 Datasheet HTML 86Page - NEC SSB44-3R3 Datasheet HTML 87Page - NEC SSB44-3R3 Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
Power Inductors VOL.10
84
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
0.1
1
10
20
Idc (A)
OH-011Z
OH-021Z
10
50
100
500
f=100 kHz
5
OH-031Z
0.1
1
10
20
Idc (A)
1000
500
100
50
10
OH-012Z
OH-052Z
f=100 kHz
OH-32Z
OH-22Z
0.1
1
5
10
20
Idc (A)
1000
500
100
50
10
OH-013Z
OH-023Z
OH-053Z
OH-073Z
f=100 kHz
OH-033Z
0.1
1
5
10
20
Idc (A)
10
100
1000
OH-104SZ
OH-074SZ
f=100 kHz
OH-34SZ
OH-34Z
OH-054Z
0.1
1
5
10
20
Idc (A)
10
100
1000
OH-24Z
OH-54SZ
OH-104Z
f=100 kHz
OH-074Z
Idc (A)
1000
100
10
0.1
1
10
50
OH-035Z
OH-075Z
OH-055Z
OH-105Z
OH-205Z
f=100 kHz
DC-Superposed Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com