Electronic Components Datasheet Search
  English  ▼

X  

SSB44-4R7 Datasheet(PDF) 53 Page - NEC

Part # SSB44-4R7
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-4R7 Datasheet(HTML) 53 Page - NEC

Back Button SSB44-4R7 Datasheet HTML 49Page - NEC SSB44-4R7 Datasheet HTML 50Page - NEC SSB44-4R7 Datasheet HTML 51Page - NEC SSB44-4R7 Datasheet HTML 52Page - NEC SSB44-4R7 Datasheet HTML 53Page - NEC SSB44-4R7 Datasheet HTML 54Page - NEC SSB44-4R7 Datasheet HTML 55Page - NEC SSB44-4R7 Datasheet HTML 56Page - NEC SSB44-4R7 Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
Power Inductors VOL.10
53
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
a
bb
c
Type
abc
S
5.0
5.0
6.0
M
6.0
5.0
9.0
[mm]
Recommended Land Pattern
[mm]
Shape and Dimensions
●S Type
●M Type
9.5
±0.4
5.0
max
(0.9)
(0.9)
12.7
±0.4
6.0
max
(1.2)
(1.2)
・ Precautions (see page 82)
Leadless Power Inductors
P
・I Series
〈Applicable for Automotives〉
Leadless Power Inductors
P
・I Series
〈Applicable for Automotives〉
Choke coil
(9 7 5)
Choke coil
(12 10 6)
Noise suppressor
(9 7 5)
Noise suppressor
(12 10 6)
P
・I-470LSF
P
・I-220LSF
P
・I-120LSF
P
・I-5R6LSF
P
・I-3R3LSF
P
・I-221LMF
P
・I-151LMF
P
・I-121LMF
P
・I-680LMF
P
・I-330LMF
P
・I-180LMF
P
・I-8R2LMF
P
・I-820ZSF
P
・I-470ZSF
P
・I-390ZSF
P
・I-180ZSF
P
・I-100ZSF
P
・I-4R7ZSF
P
・I-1R2ZSF
P
・I-331ZMF
P
・I-181ZMF
P
・I-121ZMF
P
・I-560ZMF
P
・I-270ZMF
P
・I-150ZMF
P
・I-2R7ZMF
47±25%
22±25%
12±25%
5.6±30%
3.3±30%
220±25%
150±25%
125±25%
68±25%
33±25%
18±25%
8.2±30%
82±25%
47±25%
39±25%
18±25%
10±25%
4.7±30%
1.2±30%
330±25%
180±25%
120±25%
56±25%
27±25%
15±25%
2.7±30%
0.46
0.30
0.20
0.10
0.08
1.25
0.95
0.60
0.45
0.30
0.15
0.10
0.48
0.30
0.31
0.20
0.12
0.08
0.05
1.40
0.85
0.48
0.35
0.15
0.10
0.07
0.7
0.9
1.0
1.6
2.0
0.5
0.6
0.8
0.8
1.0
1.7
2.3
0.6
0.7
0.8
1.0
1.5
2.0
3.0
0.5
0.6
0.8
1.0
1.7
2.2
2.9
●Operating temperature range: −40 to +120℃ (Including self-temperature rise)
●P・I Series
Type
Inductance
DC resistance
Rated current
(A)
Model
(μH)at 100kHz
(Ω)max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com