Electronic Components Datasheet Search
  English  ▼

X  

SSB44-4R7 Datasheet(PDF) 14 Page - NEC

Part # SSB44-4R7
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-4R7 Datasheet(HTML) 14 Page - NEC

Back Button SSB44-4R7 Datasheet HTML 10Page - NEC SSB44-4R7 Datasheet HTML 11Page - NEC SSB44-4R7 Datasheet HTML 12Page - NEC SSB44-4R7 Datasheet HTML 13Page - NEC SSB44-4R7 Datasheet HTML 14Page - NEC SSB44-4R7 Datasheet HTML 15Page - NEC SSB44-4R7 Datasheet HTML 16Page - NEC SSB44-4R7 Datasheet HTML 17Page - NEC SSB44-4R7 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
SMD Type
Power Inductors VOL.10
14
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DC-Superposed Characteristics
0.1
0.2
0.3
0.6
0.5
0.7
0
0
5
10
15
20
25
30
Idc
(A)
0.4
MPCG1040LR45
10
20
30
40
50
60
80
70
0
MPCG0740 Series
(1000pcs./reel)
[mm]
A
±0.1
7.0
B
±0.1
8.0
W
±0.2
16.0
F
±0.1
7.5
E
±0.1
1.75
P1
±0.1
12.0
P2
±0.1
2.0
P00
±0.1
4.0
øD
±0.05
1.55
T
±0.05
0.4
K
±0.1
5.3
[mm]
±2.0
ø330
±0.5
2.0
±0.2
ø13.0
±0.8
ø21.0
R1.0
±1.0
17.5
A
E
CD
r
W1
W2
±1.0
21.5
±1.0
ø80
B
W2
W1
C
E
D
A
P1
P0
P2
øD0
K
T
Dimensions of indented square hole plastic tape
Reel dimensions
[mm]
±5.0
ø330
±5.0
ø80
±0.5
ø13.5
±1.0
ø21.0
±0.5
2.0
R1.0
±2.0
24.4
A
BC
D
E
r
W1
W2
±3.0
30.4
[mm]
A
±0.1
10.5
B
±0.1
12.1
W
±0.3
24.0
F
±0.1
11.5
E
±0.1
1.75
P1
±0.1
16.0
P2
±0.1
2.0
P0
±0.1
4.0
øD0
±0.05
1.55
T
±0.05
0.4
K
±0.1
5.2
W2
W1
C
E
D
A
P1
P0
P2
øD0
K
T
Dimensions of indented square hole plastic tape
Reel dimensions
MPCG1040 Series
(500pcs./reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com