Electronic Components Datasheet Search
  English  ▼

X  

74ACT11162 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ACT11162
Description  OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11162 Datasheet(HTML) 3 Page - Texas Instruments

  74ACT11162 Datasheet HTML 1Page - Texas Instruments 74ACT11162 Datasheet HTML 2Page - Texas Instruments 74ACT11162 Datasheet HTML 3Page - Texas Instruments 74ACT11162 Datasheet HTML 4Page - Texas Instruments 74ACT11162 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
54AC11240, 74AC11240
OCTAL BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCAS169 – MAY 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2–3
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54AC11240
74AC11240
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = – 50 mA
4.5 V
4.4
4.4
4.4
5.5 V
5.4
5.4
5.4
VOH
IOH = – 4 mA
3 V
2.58
2.4
2.48
V
VOH
IOH =24 mA
4.5 V
3.94
3.7
3.8
V
IOH = – 24 mA
5.5 V
4.94
4.7
4.8
IOH = – 50 mA{
5.5 V
3.85
IOH = – 75 mA{
5.5 V
3.85
3 V
0.1
0.1
0.1
IOL = 50 mA
4.5 V
0.1
0.1
0.1
5.5 V
0.1
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
VOL
IOL =24mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA{
5.5 V
1.65
IOL = 75 mA{
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
± 0.5
± 10
± 5
mA
II
VI = VCC or GND
5.5 V
± 0.1
± 1
± 1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
mA
Ci
VI = VCC or GND
5 V
4
pF
CO
VO = VCC or GND
5 V
10
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11240
74AC11240
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
7.6
10.5
1.5
12.8
1.5
11.7
ns
tPHL
A
Y
1.5
6.3
8.6
1.5
10.2
1.5
9.5
ns
tPZH
G
Y
1.5
8.2
11.6
1.5
13.4
1.5
12.7
ns
tPZL
G
Y
1.5
7.6
10.8
1.5
13
1.5
12
ns
tPHZ
G
Y
1.5
5.5
7.5
1.5
8.1
1.5
7.8
ns
tPLZ
G
Y
1.5
6.7
9.4
1.5
10
1.5
9.8
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com