Electronic Components Datasheet Search
  English  ▼

X  

74ACT11162 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11162
Description  OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11162 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11162 Datasheet HTML 1Page - Texas Instruments 74ACT11162 Datasheet HTML 2Page - Texas Instruments 74ACT11162 Datasheet HTML 3Page - Texas Instruments 74ACT11162 Datasheet HTML 4Page - Texas Instruments 74ACT11162 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
54AC11240, 74AC11240
OCTAL BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCAS169 – MAY 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2–4
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11240
74AC11240
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
5.4
7.5
1.5
9
1.5
8.4
ns
tPHL
A
Y
1.5
4.6
6.6
1.5
7.8
1.5
7.2
ns
tPZH
G
Y
1.5
5.7
8.2
1.5
9.9
1.5
9.2
ns
tPZL
G
Y
1.5
5.3
7.7
1.5
9.4
1.5
8.7
ns
tPHZ
G
Y
1.5
4.7
6.3
1.5
6.9
1.5
6.6
ns
tPLZ
G
Y
1.5
5.2
7.3
1.5
8
1.5
7.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per buffer
Outputs enabled
CL =50 pF
f=1MHz
39
pF
Cpd
Power dissipation capacitance per buffer
Outputs disabled
CL = 50 pF,
f = 1 MHz
12
pF
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
Ω
500
Ω
tPHL
tPLH
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
50%
50%
50%
50%
[ VCC
VCC
0 V
50% VCC
50% VCC
VOH
VOL
0 V
50% VCC
20% VCC
50% VCC
80% VCC
[ 0 V
VCC
GND
Open
Input
(see Note B)
Output
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
tPLH /tPHL
tPLZ /tPZL
tPHZ /tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com