Electronic Components Datasheet Search
  English  ▼

X  

74ACT11175 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ACT11175
Description  QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11175 Datasheet(HTML) 3 Page - Texas Instruments

  74ACT11175 Datasheet HTML 1Page - Texas Instruments 74ACT11175 Datasheet HTML 2Page - Texas Instruments 74ACT11175 Datasheet HTML 3Page - Texas Instruments 74ACT11175 Datasheet HTML 4Page - Texas Instruments 74ACT11175 Datasheet HTML 5Page - Texas Instruments 74ACT11175 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
74ACT11175
QUADRUPLE DTYPE FLIPFLOP WITH CLEAR
SCAS089 − D3385, DECEMBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2−3
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
−24
mA
IOL
Low-level output current
24
mA
Dt/Dv
Input transition rise or fall rate
0
10
ns / V
TA
Operating free-air temperature
−40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = − 50 A
4.5 V
4.4
4.4
IOH = − 50 mA
5.5 V
5.4
5.4
VOH
IOH = − 24 mA
4.5 V
3.94
3.8
V
VOH
IOH = − 24 mA
5.5 V
4.94
4.8
V
IOH = − 75 mA{
5.5 V
3.85
IOL = 50 A
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.44
V
IOL = 75 mA{
5.5 V
1.65
II
VI = VCC or GND
5.5 V
± 0.1
± 1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
mA
∆ICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
4
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
100
0
100
MHz
tw
Pulse duration
CLR low
5
5
ns
tw
Pulse duration
CLK high or low
5
5
ns
tsu
Setup time before CLK
↑
Data
5
5
ns
tsu
Setup time before CLK
↑
CLR inactive
5
5
ns
th
Hold time, data after CLK
↑
0.5
0.5
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com