Electronic Components Datasheet Search
  English  ▼

X  

74ACT11175 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11175
Description  QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11175 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11175 Datasheet HTML 1Page - Texas Instruments 74ACT11175 Datasheet HTML 2Page - Texas Instruments 74ACT11175 Datasheet HTML 3Page - Texas Instruments 74ACT11175 Datasheet HTML 4Page - Texas Instruments 74ACT11175 Datasheet HTML 5Page - Texas Instruments 74ACT11175 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
74ACT11175
QUADRUPLE DTYPE FLIPFLOP WITH CLEAR
SCAS089 − D3385, DECEMBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2−4
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
100
130
100
MHz
tPLH
CLR
Any Q
2.5
5.4
7.4
2.5
8.1
ns
tPLH
CLR
Any Q
2.5
5.4
7.4
2.5
8.1
ns
tPHL
CLR
Any Q
3.1
7.6
9.9
3.1
10.9
ns
tPHL
CLR
Any Q
3.1
7.6
9.9
3.1
10.9
ns
tPLH
CLK
Any Q
3
5.3
6.9
3
7.5
ns
tPLH
CLK
Any Q
3
5.3
6.9
3
7.5
ns
tPHL
CLK
Any Q
3.3
7.2
9.2
3.3
10.1
ns
tPHL
CLK
Any Q
3.3
7.2
9.2
3.3
10.1
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
42
pF
PARAMETER MEASUREMENT INFORMATION
50% VCC
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
Timing Input
(see Note B)
50% VCC
VOLTAGE WAVEFORMS
3 V
0 V
1.5 V
1.5 V
tw
VOLTAGE WAVEFORMS
Input
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
500
Ω
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com