Electronic Components Datasheet Search
  English  ▼

X  

74ACT11646 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11646
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11646 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11646 Datasheet HTML 1Page - Texas Instruments 74ACT11646 Datasheet HTML 2Page - Texas Instruments 74ACT11646 Datasheet HTML 3Page - Texas Instruments 74ACT11646 Datasheet HTML 4Page - Texas Instruments 74ACT11646 Datasheet HTML 5Page - Texas Instruments 74ACT11646 Datasheet HTML 6Page - Texas Instruments 74ACT11646 Datasheet HTML 7Page - Texas Instruments 74ACT11646 Datasheet HTML 8Page - Texas Instruments 74ACT11646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
G
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
DIR
CAB
SAB
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
CBA
SBA
DW PACKAGE
(TOP VIEW)
74ACT11646
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS061A − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
• Independent Registers for A and B Buses
• Multiplexed Real-Time and Stored Data
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity at 125°C
description
These devices consist of bus transceiver circuits,
3-state outputs, D-type flip-flops, and control
circuitry arranged for multiplexed transmission of
data directly from the data bus or from the internal
storage registers. Data on the A or B bus will be
clocked into the registers on the low-to-high
transition of the appropriate clock pin (CAB or
CBA). Figure 1 illustrates the four fundamental
bus-management functions that can be performed
with the octal bus transceivers and registers.
Enable (G) and direction (DIR) pins are provided to control the transceiver functions. In the transceiver mode,
data present at the high-impedance port may be stored in either register or in both. The select controls (SAB
and SBA) can multiplex stored and real-time (transparent mode) data. The circuitry used for select control will
eliminate the typical decoding glitch which occurs in a multiplexer during the transition between stored and
real-time data. The direction control determines which bus will receive data when enable G is active (low). In
the isolation mode (control G high), A data may be stored in one register and/or B data may be stored in the
other register.
When an output function is disabled, the input function is still enabled and may be used to store and transmit
data. Only one of the two buses, A or B, may be driven at a time.
The 74ACT11646 is characterized for operation from − 40
°C to 85°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74ACT11646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11640 TI1-74ACT11640 Datasheet
96Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640DW TI1-74ACT11640DW Datasheet
96Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640DWR TI1-74ACT11640DWR Datasheet
96Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640NT TI1-74ACT11640NT Datasheet
96Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11643 TI1-74ACT11643 Datasheet
96Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com