Electronic Components Datasheet Search
  English  ▼

X  

DMN2300UFD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2300UFD
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2300UFD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2300UFD Datasheet HTML 1Page - Diodes Incorporated DMN2300UFD Datasheet HTML 2Page - Diodes Incorporated DMN2300UFD Datasheet HTML 3Page - Diodes Incorporated DMN2300UFD Datasheet HTML 4Page - Diodes Incorporated DMN2300UFD Datasheet HTML 5Page - Diodes Incorporated DMN2300UFD Datasheet HTML 6Page - Diodes Incorporated DMN2300UFD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN2300UFD
Datasheet Number: DS35443 Rev. 2 - 2
3 of 7
www.diodes.com
September 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN2300UFD
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIMES (sec)
Fig. 3 Transient Thermal Resistance
0.000001
0.001
0.01
0.1
1
R
(t) = r(t) * R
θθ
JA
JA
R
= 136°C/W
Duty Cycle, D = t1/ t2
θJA
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
1
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.45
-
0.95
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
-
200
m
Ω
VGS = 4.5V, ID = 900mA
260
VGS = 2.5V, ID = 800mA
400
VGS = 1.8V, ID = 700mA
500
VGS = 1.5V, ID = 200mA
Forward Transfer Admittance
|Yfs|
40
-
-
mS
VDS = 3V, ID = 300mA
Diode Forward Voltage
VSD
-
0.7
1.2
V
VGS = 0V, IS = 300mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
-
67.62
-
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
9.74
-
pF
Reverse Transfer Capacitance
Crss
-
7.58
-
pF
Gate Resistance
Rg
-
68.51
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (Note 8)
Qg
-
0.89
2
nC
VGS = 4.5V, VDS = 15V,
ID = 1A
Gate-Source Charge
Qgs
-
0.14
-
nC
Gate-Drain Charge
Qgd
-
0.16
-
nC
Turn-On Delay Time
tD(on)
-
4.92
-
ns
VDS = 10V, ID = 1A
VGS = 10V, RG = 6Ω
Turn-On Rise Time
tr
-
6.93
-
ns
Turn-Off Delay Time
tD(off)
-
21.71
-
ns
Turn-Off Fall Time
tf
-
10.62
-
ns
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guarantee by design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com