Electronic Components Datasheet Search
  English  ▼

X  

DMN2300UFD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2300UFD
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2300UFD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2300UFD Datasheet HTML 1Page - Diodes Incorporated DMN2300UFD Datasheet HTML 2Page - Diodes Incorporated DMN2300UFD Datasheet HTML 3Page - Diodes Incorporated DMN2300UFD Datasheet HTML 4Page - Diodes Incorporated DMN2300UFD Datasheet HTML 5Page - Diodes Incorporated DMN2300UFD Datasheet HTML 6Page - Diodes Incorporated DMN2300UFD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN2300UFD
Datasheet Number: DS35443 Rev. 2 - 2
4 of 7
www.diodes.com
September 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN2300UFD
01
2
3
4
5
Fig. 4 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
0.5
1.0
1.5
2.0
V
= 1.2V
GS
V
= 1.5V
GS
V
= 1.8V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 4.5V
GS
0
0.5
1.0
1.5
2.0
0
0.5
1
1.5
2
2.5
3
Fig. 5 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
DS
0
0.4
0.8
1.2
1.6
2
Fig. 6 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
0
0.2
0.4
0.6
0.8
1
V
= 4.5V
GS
V
= 2.5V
GS
V
= 1.8V
GS
V
= 1.5V
GS
I , DRAIN CURRENT (A)
D
Fig. 7 Typical On-Resistance
vs. Drain Current and Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
00.2
0.4
0.6
0.8
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
I , DRAIN CURRENT (A)
D
Fig. 8 Typical On-Resistance
vs. Drain Current and Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.2
0.4
0.6
0.8
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 1.8V
GS
I , DRAIN CURRENT (A)
D
Fig. 9 Typical On-Resistance
vs. Drain Current and Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
00.2
0.4
0.6
0.8
1
T = -55°C
A
T = 2
5°C
A
T = 8
5°C
A
T
= 1
25°
C
A
T = 150°C
A
V
= 1.5V
GS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com