Electronic Components Datasheet Search
  English  ▼

X  

AMC7891 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891 Datasheet(HTML) 5 Page - Texas Instruments

  AMC7891 Datasheet HTML 1Page - Texas Instruments AMC7891 Datasheet HTML 2Page - Texas Instruments AMC7891 Datasheet HTML 3Page - Texas Instruments AMC7891 Datasheet HTML 4Page - Texas Instruments AMC7891 Datasheet HTML 5Page - Texas Instruments AMC7891 Datasheet HTML 6Page - Texas Instruments AMC7891 Datasheet HTML 7Page - Texas Instruments AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
ORDERING INFORMATION(1)
PACKAGE
TRANSPORT
TA
ORDER CODE
QUANTITY
DRAWING/TYPE(2)(3)
MEDIA
AMC7891SRHHT
250
–40°C to 105°C
RHH / 36-QFN Quad Flatpack No-Lead
Tape and Reel
AMC7891SRHHR
2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
(2)
Thermal Pad Size: 4.39 mm x 4.39 mm
(3)
MSL Peak Temperature: Level-3-260C-168 HR
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
MIN
MAX
AVDD to AGND
(2)
–0.3
6
V
GPIOVDD to DGND
–0.3
6
V
Supply voltage range
SPIVDD to DGND
–0.3
6
V
AGND to DGND
–0.3
0.3
V
AIN[0:7], DACOUT[0:3], REF to AGND
–0.3
AVDD + 0.3
V
CS, SCLK, SDI to DGND
–0.3
6
V
Pin voltage range
SDO to DGND
–0.3
SPIVDD + 0.3
V
GPIOA[0:3], GPIOB[0:3], GPIOC[0:3] to DGND
–0.3
GPIOVDD + 0.3
V
DAV to DGND
–0.3
6
V
Operating free-air temperature range, TA: AMC7891
(3) (4)
–40
105
°C
Storage temperature range
–40
150
°C
Human body model (HBM)
2.5
kV
ESD ratings:
Charged device model (CDM)
1.0
kV
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
(2)
AGND1 and AGND2 must be tied together as AGND.
(3)
Air flow or heat sinking reduces
θJA and may be required for sustained operation at 105°C and maximum operating conditions.
(4)
Soldering the device thermal pad to the board ground plane is strongly recommended.
THERMAL INFORMATION
AMC7891
THERMAL METRIC(1)
RHH PACKAGE
UNITS
36 PINS
θJA
Junction-to-ambient thermal resistance
30.6
θJCtop
Junction-to-case (top) thermal resistance
16.0
θJB
Junction-to-board thermal resistance
5.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
5.3
θJCbot
Junction-to-case (bottom) thermal resistance
0.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com