Electronic Components Datasheet Search
  English  ▼

X  

AMC7891 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 9Page - Texas Instruments AMC7891 Datasheet HTML 10Page - Texas Instruments AMC7891 Datasheet HTML 11Page - Texas Instruments AMC7891 Datasheet HTML 12Page - Texas Instruments AMC7891 Datasheet HTML 13Page - Texas Instruments AMC7891 Datasheet HTML 14Page - Texas Instruments AMC7891 Datasheet HTML 15Page - Texas Instruments AMC7891 Datasheet HTML 16Page - Texas Instruments AMC7891 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
−2.000
−1.500
−1.000
−0.500
0.000
0.500
1.000
1.500
2.000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
External ADC Vref (V)
AVDD = 5 V
G019
−2.000
−1.500
−1.000
−0.500
0.000
0.500
1.000
1.500
2.000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
External ADC Vref (V)
AVDD = 5 V
G020
2.495
2.496
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.505
2.5
3.0
3.5
4.0
4.5
5.0
5.5
AVDD (V)
G021
2.495
2.496
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.505
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
15 units
G022
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
15 units
G000
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS: ADC (continued)
AVDD = 5 V, GPIOVDD = 5 V, SPIVDD = 5 V, AGND = DGND = 0 V, External ADC reference = AVDD
(unless otherwise noted)
Figure 18. ADC OFFSET ERROR vs. REFERENCE
Figure 19. ADC GAIN ERROR vs. REFERENCE VOLTAGE
VOLTAGE
Figure 20. ADC INTERNAL REFERENCE vs. AVDD
Figure 21. ADC INTERNAL REFERENCE vs.
TEMPERATURE
Figure 22. TEMPERATURE SENSOR ERROR vs TEMPERATURE
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com