Electronic Components Datasheet Search
  English  ▼

X  

PC33813AE Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button PC33813AE Datasheet HTML 23Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 24Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 25Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 26Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 27Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 28Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33813
5.1.15 ISO9141 Transceiver (MTX, MRX, ISO9141)
These three pins are used to provide an ISO914, K-line communication link for the MCU to provide diagnostic support TACHOUT
OUTPUT for the system. MRX is the 5.0 V logic level serial output line to the MCU. MTX is the 5.0 V logic level serial input to the
IC from the MCU. The ISO9141 pin is a bi-directional line, consistent with the ISO9141 specification for signalling to and from
the MCU. There is only one bit in the SPI Status register to indicate an over-temperature fault from the ISO9141 functional block.
There are no Configuration or Control registers associated with this functional block.
5.1.16 Tachometer (TACHOUT)
The TACHOUT pin is a low side driver, that can used to drive a tachometer meter movement. TACHOUT can be programmed
via the SPI to:
1. Output the same signal as VRSOUT divided by a 1 to 32 programmable divider,
2. Output a PWM signal with a frequency and duty cycle programmable via the SPI, or
3. Output one of 8 fixed frequencies as indicated in Table 6.
If a tachometer is not required the TACHOUT output can also be used as a low current, SPI controlled, low side driver to drive a
LED or other low current load. The SPI Configuration register for the Tachometer is used to determine which mode this output
will be used in. The TACHOUT output handles over-current (OC) differently than the other low side drivers. When an over-current
limit is reached the TACHOUT output does not enter a current limiting state but rather shuts the output off to protect the output
device. The retry option works similarly to the other low side drivers.
In the LSD mode bit 4 of the SPI Configuration register controls the turn on or turn off of the Open Load detect current sink.
Table 6. TACHOUT SPI Configuration Register
SPI Configuration Register 4 Bits 6, 5
TACHOUT Mode
00 (default)
VRSOUT divided by ‘N’
where ‘N’ is defined by bits 0 thru 4 of SPI Configuration Register 4 (1 - 32)
00001 = 1 (default)
.
11111 = 31
00000=32
01
Oscillator Output
10
Low Side Driver (LSD)
11
Same as 10 above
Table 7. TACHOUT SPI Configuration Register
SPI Configuration Register Bits 2,1,0
Oscillator Frequencies
000 (default)
10 Hz
001
100 Hz
010
1.0 kHz
011
5.0 kHz
100
10 kHz
101
20 kHz
110
40 kHz
111
100 kHz (not recommended for use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com