Electronic Components Datasheet Search
  English  ▼

X  

PC33813AE Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button PC33813AE Datasheet HTML 33Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 34Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 35Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 36Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 37Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 38Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 39Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 40Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33813
Figure 18. 33813 Functional State Diagram
5.3.3
SLEEP State
Sleep State is entered when the VBAT level signal is removed from the KEYSW pin and the PWREN SPI bit is a logic low. In
Sleep state all outputs and current sources and sinks are off and the device consumes less than IVPWR(SS) µA. Applying a VBAT
level to the KEYSW pin will force the device to exit the Sleep state and generate a POR.
Table 14. Operational States
KEYSW
Input
PWREN
Input
BATSW
Output
All
Supplies
STATE
L
L
L
OFF
Sleep
H
L
H
ON
NORMAL
H
H
H
ON
NORMAL
L
H
L
ON
Prepare to shutdown
ActiveStates
Passive States
NORMAL
RESET*
RESETB=1
RESETB = 0
BATSW=1
`
SLEEP
START
RESETB=1
BATSW = 0
RESETB=1
VPWR_UV=1
READYTO
OFF
SHUT
DOWN
RESETB=1
BATSW = 0
PWREN=1
SPI_RESET*
RESETB=1
UV = UnderVoltage
OV = OverVoltage
WD = Watch Dog
TD = TimeDelay
POR = PowerOn Reset
&l
i A
*Configuration Registers resetto default, alloutputsoff
& = logic AND
^=logic OR
!=logic negation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com