Electronic Components Datasheet Search
  English  ▼

X  

33814 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33814
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33814 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33814 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33814
If the BATSW output is used to control an LED, the LED cathode should be tied to ground and the LED anode should be
connected to the BATSW pin through an external resistor. The value of the external resistor should be 340 ohms or greater. Care
must be taken if the BATSW output is sent off-board due to the chance of shorts to the battery or shorts to ground, for which the
output is not protected. At a minimum, this output should be protected by a diode, the current limit resistor, and an ESD capacitor
(.01 µF ceramic).
5.1.14 Using ROUT2 as a Power RelAY
The ROUT2 (Relay 2 Output) can be used to drive a power relay. The RIN2 input or the RIN2 bit in the SPI Control register can
be used to turn the ROUT2 output on or off as desired. The BATSW output can be connected to the RIN2 input to control the
power relay, or the MCU can chose to control the RIN2 bit in the SPI Control register to actuate the power relay.
The ROUT2 output is unique in that it can be kept turned on even after KEYSW is turned off (as long as the PWREN bit is still
set to a one) by setting the shut down disable (SDD) bit in the ROUT2 Configuration register.
5.1.15 ISO9141 Transceiver (MTX, MRX, ISO9141)
These three pins are used to provide an ISO914, K-line communication link for the MCU to provide diagnostic support for the
system. MRX is the 5.0 V logic level serial output line to the MCU. MTX is the 5.0 V logic level serial input to the IC from the MCU.
The ISO9141 pin is a bi-directional line, consistent with the ISO9141 specification for signalling to and from the MCU. There is
only one bit in the SPI Status register to indicate an over-temperature fault from the ISO9141 functional block. There are no
Configuration or Control registers associated with this functional block.
5.1.16 Tachometer (TACHOUT)
The TACHOUT pin is a low side driver, that can used to drive a tachometer meter movement. TACHOUT can be programmed
via the SPI to:
1. Output the same signal as VRSOUT divided by a 1 to 32 programmable divider,
2. Output a PWM signal with a frequency and duty cycle programmable via the SPI, or
3. Output one of 8 fixed frequencies as indicated in Table 6.
If a tachometer is not required the TACHOUT output can also be used as a low current, SPI controlled, low side driver to drive a
LED or other low current load. The SPI Configuration register for the Tachometer is used to determine which mode this output
will be used in. The TACHOUT output handles over-current (OC) differently than the other low side drivers. When an over-current
limit is reached the TACHOUT output does not enter a current limiting state but rather shuts the output off to protect the output
device. The retry option works similarly to the other low side drivers.
In the LSD mode bit 4 of the SPI Configuration register controls the turn on or turn off of the Open Load detect current sink.
Table 6. TACHOUT SPI Configuration Register
SPI Configuration
Register 4 Bits 6,5
TACHOUT Mode
00 (default)
VRSOUT divided by ‘N’ where ‘N’ is defined by bits 0 thru 4 of SPI
Configuration Register 4 (1 - 32)
00001 = 1 (default)
.
11111 = 31
00000=32
01
Oscillator Output
10
Low Side Driver (LSD)
11
Same as 10 above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com