Electronic Components Datasheet Search
  English  ▼

X  

33814 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33814
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33814 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33814 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Document Number: MC33814
Rev. 1.0, 8/2012
Freescale Semiconductor
Product Preview
© Freescale Semiconductor, Inc., 2012. All rights reserved.
*This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
Two Cylinder Small Engine
Control IC
The 33814 is an engine control analog power IC intended for two cylinder
motorcycle and other small engine control applications. The IC consists of
six integrated low side drivers, three pre-drivers, a Variable Reluctance
Sensor (VRS) input circuit, a voltage pre-regulator using an external pass
transistor, and two 5 volt internal regulators, one for the microcontroller
unit (MCU) VCC supply, and one for use as a protected sensor supply.
Also included is an MCU reset control circuit with watchdog, an ISO 9141
K-Line interface for diagnostic communication and a Serial Peripheral
Interface (SPI). The six low side drivers are intended for driving two fuel
injectors, a lamp, two relays or other loads, and a tachometer. The pre-
drivers are intended to drive IGBT or MOSFET transistors to control
ignition coils, and a HEGO heater. The device is packaged in a 48 pin
LQFP-EP with an exposed pad.
Features:
• Operates over supply voltage range of 4.5 V
 VPWR  36 V
• Logic stability guaranteed down to 2.5 V
• Two fuel injector drivers - typical of 1.3 A each
• Two Ignition IGBT or general purpose gate pre-drivers
• One O2 sensor (HEGO) heater general purpose gate pre-driver
• Relay 1 driver, typically 2.0 A, can be used for fuel pump control
• Relay 2 driver, typically 1.0 A, can be used as power relay control
• Lamp driver, typically 1.0 A can also be used to drive an LED
•VPROT protected sensor supply tracks VCC +5.0 V regulator
• MCU reset generator - system integrity monitor (watchdog)
•VPP pre-regulator provides power for VCC and VPROT regulators
• Independent fault protection with all faults reported via the SPI
• ISO 9141 K-line interface for communicating diagnostic messages
• Start-up / shut-down control and power sequence logic
• Interfaces directly to MCU using a 5.0 V SPI and logic I/O
• Differential / single-ended VRS conditioning circuit with auto/manual
selected thresholds and filter times with digital and tachometer outputs
.
Figure 1. 33814 Simplified Application Diagram
98ASA00173D
AE SUFFIX (PB-FREE)
48-PIN LQFP-EP
TWO CYLINDER SMALL ENGINE
CONTROL IC
33814
Applications
Small Engine Control for:
• Lawn Mowers
• Motor Scooters
• Small Motorcycles
• Lawn Trimmers
• Snow Blowers
•Chain Saws
• Gasoline-driven Electrical Generators
• Outboard Motors
VPWR
SPI
VRSOUT
MRX
MC33814
SPI
VBAT
O2HOUT
LAMPOUT
MCU
RESETB
INJOUT1
ROUT1
Relay 1
MIL
O2 Heater
VBAT
VBAT
INJOUT2
Injectors
RESETB
Crankshaft VRS
VRSP
VRSN
VCC
MTX
INJIN1
INJIN2
O2HIN
GPIO
KEYSW
ROUT2
VPPSENS
GND
+5.0 V
IGNIN1
IGNIN2
IGNOUT1
IGNOUT2
ISO9141
ISO9141
IGNFB1
O2HFB
IGNFB2
VPPREF
4
VBAT
Keyswitch
Relay 2
VPROT
5.0 V Sensor Supply
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
VBAT
VBAT
(Power)
(Fuel Pump)
TACHOUT
TACHOMETER
VCC
BATSW
IGNSENSP
IGNSENSN
O2HSENSP
O2HSENSN
GPIO
GPIO
RIN1
RIN2
GPIO


Similar Part No. - 33814

ManufacturerPart #DatasheetDescription
logo
Bi technologies
3381 BITECH-3381 Datasheet
167Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
3381 TTELEC-3381 Datasheet
690Kb / 3P
Single-Turn Precision Potentiometer
logo
List of Unclassifed Man...
3381 ETC-3381 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3381 HEYCO-3381 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Freescale Semiconductor...
33810 FREESCALE-33810 Datasheet
1Mb / 35P
Automotive Engine Control IC
More results

Similar Description - 33814

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
Automotive Engine Control IC
33812 FREESCALE-33812 Datasheet
480Kb / 25P
SMALL ENGINE CONTROL IC
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
Automotive Engine Control IC
33813 FREESCALE-33813 Datasheet
2Mb / 54P
One Cylinder Small Engine Control IC
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
Engine management IC for Small Engines
Rev 1.0, 2012-10-01
logo
NXP Semiconductors
MC33814 NXP-MC33814 Datasheet
3Mb / 71P
Two cylinder small engine control IC
Rev. 13.0, 12/2019
logo
Infineon Technologies A...
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
Small engine management IC
Rev. 1.0 2021-03-23
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com