Electronic Components Datasheet Search
  English  ▼

X  

CDC2351MDBREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2351MDBREP
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2351MDBREP Datasheet(HTML) 5 Page - Texas Instruments

  CDC2351MDBREP Datasheet HTML 1Page - Texas Instruments CDC2351MDBREP Datasheet HTML 2Page - Texas Instruments CDC2351MDBREP Datasheet HTML 3Page - Texas Instruments CDC2351MDBREP Datasheet HTML 4Page - Texas Instruments CDC2351MDBREP Datasheet HTML 5Page - Texas Instruments CDC2351MDBREP Datasheet HTML 6Page - Texas Instruments CDC2351MDBREP Datasheet HTML 7Page - Texas Instruments CDC2351MDBREP Datasheet HTML 8Page - Texas Instruments CDC2351MDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CDC2351EP
1LINE TO 10LINE CLOCK DRIVER
WITH 3STATE OUTPUTS
SGLS248A − JUNE 2004 − REVISED AUGUST 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
Ω
500
Ω
TEST
tPLH /tPHL
tPLZ /tPZL
tPHZ /tPZH
S1
Open
6 V
GND
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
≈ 0 V
3 V
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
tPLH
tPHL
Output
1.5 V
1.5 V
3 V
0 V
1.5 V
VOH
VOL
Input
0.8 V
2 V
tr
tf
0.8 V
2 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com