Electronic Components Datasheet Search
  English  ▼

X  

CDC2351MDBREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2351MDBREP
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2351MDBREP Datasheet(HTML) 1 Page - Texas Instruments

  CDC2351MDBREP Datasheet HTML 1Page - Texas Instruments CDC2351MDBREP Datasheet HTML 2Page - Texas Instruments CDC2351MDBREP Datasheet HTML 3Page - Texas Instruments CDC2351MDBREP Datasheet HTML 4Page - Texas Instruments CDC2351MDBREP Datasheet HTML 5Page - Texas Instruments CDC2351MDBREP Datasheet HTML 6Page - Texas Instruments CDC2351MDBREP Datasheet HTML 7Page - Texas Instruments CDC2351MDBREP Datasheet HTML 8Page - Texas Instruments CDC2351MDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDC2351EP
1LINE TO 10LINE CLOCK DRIVER
WITH 3STATE OUTPUTS
SGLS248A − JUNE 2004 − REVISED AUGUST 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−55
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D Low Output Skew, Low Pulse Skew for
Clock-Distribution and Clock-Generation
Applications
D Operates at 3.3-V VCC
D LVTTL-Compatible Inputs and Outputs
D Supports Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
D Distributes One Clock Input to 10 Outputs
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Outputs Have Internal Series Damping
Resistor to Reduce Transmission Line
Effects
D Distributed VCC and Ground Pins Reduce
Switching Noise
D State-of-the-Art EPIC-ΙΙB BiCMOS Design
Significantly Reduces Power Dissipation
D Shrink Small-Outline (DB) Package
description
The CDC2351 is a high-performance clock-driver circuit that distributes one input (A) to 10 outputs (Y) with
minimum skew for clock distribution. The output-enable (OE) input disables the outputs to a high-impedance
state. Each output has an internal series damping resistor to improve signal integrity at the load. The CDC2351
operates at nominal 3.3-V VCC.
The propagation delays are adjusted at the factory using the P0 and P1 pins. The factory adjustments ensure
that the part-to-part skew is minimized and is kept within a specified window. Pins P0 and P1 are not intended
for customer use and should be connected to GND.
The CDC2351M is characterized for operation over the full military temperature range of −55
°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−55
°C to 125°C
SSOP − DB
Tape and Reel
CDC2351MDBREP
CK2351MEP
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙΒ is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
Y10
VCC
Y9
OE
A
P0
P1
Y8
VCC
Y7
GND
GND
Y1
VCC
Y2
GND
Y3
Y4
GND
Y5
VCC
Y6
GND
DB PACKAGE
(TOP VIEW)


Similar Part No. - CDC2351MDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351 Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI2-CDC2351 Datasheet
298Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 2000
More results

Similar Description - CDC2351MDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com