Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVD2102 Datasheet HTML 1Page - Texas Instruments CDCLVD2102 Datasheet HTML 2Page - Texas Instruments CDCLVD2102 Datasheet HTML 3Page - Texas Instruments CDCLVD2102 Datasheet HTML 4Page - Texas Instruments CDCLVD2102 Datasheet HTML 5Page - Texas Instruments CDCLVD2102 Datasheet HTML 6Page - Texas Instruments CDCLVD2102 Datasheet HTML 7Page - Texas Instruments CDCLVD2102 Datasheet HTML 8Page - Texas Instruments CDCLVD2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CDCLVD2102
www.ti.com
SCAS904A – MAY 2010 – REVISED JUNE 2010
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
VCC
5
Power
2.5V supplies for the device
GND
1
Ground
Device ground
INP0, INN0
6, 7
Input
Differential input pair or single ended input
INP1, INN1
3, 4
Input
Differential redundant input pair or single ended input
Bias voltage output for capacitive coupled inputs. If used, it is recommended to
VAC_REF
8
Output
use a 0.1µF to GND on this pin
OUTP0, OUTN0
9, 10
Output
Differential LVDS output pair no. 0
INP0/INN0 is the input
OUTP1, OUTN1
11, 12
Output
Differential LVDS output pair no. 1
OUTP2, OUTN2
13, 14
Output
Differential LVDS output pair no. 2
INP1/INN1 is the input
OUTP3, OUTN3
15, 16
Output
Differential LVDS output pair no. 3
Input with internal
EN
2
200k
Ω pull-up and
Control pin – enables or disables the outputs, (See Table 1)
pull-down
Thermal Pad
See thermal management recommendations
Table 1. Output Control Table
EN
CLOCK OUTPUTS
0
All outputs disabled (static "0")
OPEN
All outputs enabled
1
OUT0, OUT1 enabled and OUT2, OUT3 disabled (static "0")
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
Supply voltage range, VCC
–0.3 to 2.8 V
Input voltage, VI
–0.2 to (VCC + 0.2) V
Output voltage range, VO
–0.2 to (VCC + 0.2) V
Driver short circuit current, IOSD
See Note (2)
Electrostatic discharge (HBM, 1.5 k
Ω, 100 pF)
>3000 V
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
The outputs can handle permanent short.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNITS
Device supply voltage, VCC
2.375
2.5
2.625
V
Ambient temperature, TA
–40
85
oC
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVD2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com