Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVD2102 Datasheet HTML 1Page - Texas Instruments CDCLVD2102 Datasheet HTML 2Page - Texas Instruments CDCLVD2102 Datasheet HTML 3Page - Texas Instruments CDCLVD2102 Datasheet HTML 4Page - Texas Instruments CDCLVD2102 Datasheet HTML 5Page - Texas Instruments CDCLVD2102 Datasheet HTML 6Page - Texas Instruments CDCLVD2102 Datasheet HTML 7Page - Texas Instruments CDCLVD2102 Datasheet HTML 8Page - Texas Instruments CDCLVD2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
EN
PHY2
DAC2
200 MHz
Clock
Generation
100 MHz
CDCLVD 2102
ADC2
CDCLVD2102
www.ti.com
SCAS904A – MAY 2010 – REVISED JUNE 2010
Dual 1:2 Low Additive Jitter LVDS Buffer
Check for Samples: CDCLVD2102
1
FEATURES
DESCRIPTION
•
Dual 1:2 Differential Buffer
•
Low Additive Jitter <300 fs RMS in 10-kHz to
The CDCLVD2102 clock buffer distributes two clock
inputs (IN0, IN1) to a total of 4 pairs of differential
20-MHz
LVDS clock outputs (OUT0, OUT3). Each buffer block
•
Low Within Bank Output Skew of 15 ps (Max)
consists of one input and 2 LVDS outputs. The inputs
•
Universal Inputs Accept LVDS, LVPECL,
can either be LVDS, LVPECL, or LVCMOS.
LVCMOS
The CDCLVD2102 is specifically designed for driving
•
One Input Dedicated for Two Outputs
50-
Ω transmission lines. If driving the inputs in single
•
Total of 4 LVDS Outputs, ANSI EIA/TIA-644A
ended mode, the appropriate bias voltage (VAC_REF)
Standard Compatible
should be applied to the unused negative input pin.
•
Clock Frequency up to 800 MHz
Using the control pin (EN), outputs can be either
disabled or enabled. If the EN pin is left open two
•
2.375–2.625V Device Power Supply
buffers with all outputs are enabled, if switched to a
•
LVDS Reference Voltage, VAC_REF, Available for
logical "0" both buffers with all outputs are disabled
Capacitive Coupled Inputs
(static logical "0"), if switched to a logical "1", one
•
Industrial Temperature Range –40°C to 85°C
buffer with two outputs is disabled and another buffer
with two outputs is enabled. The part supports a fail
•
Packaged in 3mm × 3mm 16-Pin QFN (RGT)
safe function. It incorporates an input hysteresis,
•
ESD Protection Exceeds 3 kV HBM, 1 kV CDM
which prevents random oscillation of the outputs in
absence of an input signal.
APPLICATIONS
The device operates in 2.5V supply environment and
•
Telecommunications/Networking
is characterized from –40°C to 85°C (ambient
•
Medical Imaging
temperature). The CDCLVD2102 is packaged in
•
Test and Measurement Equipment
small 16-pin, 3-mm × 3-mm QFN package.
•
Wireless Communications
•
General Purpose Clocking
Figure 1. Application Example
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVD2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2102 TI2-CDCLVD2102 Datasheet
610Kb / 22P
Dual 1:2 Low Additive Jitter LVDS Buffer
REVISED JUNE 2010
CDCLVD2102 TI2-CDCLVD2102 Datasheet
614Kb / 23P
Dual 1:2 Low Additive Jitter LVDS Buffer
REVISED JUNE 2010
CDCLVD2102RGTR TI2-CDCLVD2102RGTR Datasheet
610Kb / 22P
Dual 1:2 Low Additive Jitter LVDS Buffer
REVISED JUNE 2010
CDCLVD2102RGTR TI2-CDCLVD2102RGTR Datasheet
614Kb / 23P
Dual 1:2 Low Additive Jitter LVDS Buffer
REVISED JUNE 2010
CDCLVD2102RGTR.A TI2-CDCLVD2102RGTR.A Datasheet
610Kb / 22P
Dual 1:2 Low Additive Jitter LVDS Buffer
REVISED JUNE 2010
More results

Similar Description - CDCLVD2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com