Electronic Components Datasheet Search
  English  ▼

X  

LTC2188 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2188
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2188 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2188 Datasheet HTML 8Page - Linear Technology LTC2188 Datasheet HTML 9Page - Linear Technology LTC2188 Datasheet HTML 10Page - Linear Technology LTC2188 Datasheet HTML 11Page - Linear Technology LTC2188 Datasheet HTML 12Page - Linear Technology LTC2188 Datasheet HTML 13Page - Linear Technology LTC2188 Datasheet HTML 14Page - Linear Technology LTC2188 Datasheet HTML 15Page - Linear Technology LTC2188 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTC2270
12
2270f
PIN FUNCTIONS
VREF (Pin 62): Reference Voltage Output. Bypass to
ground with a 2.2μF ceramic capacitor. The output voltage
is nominally 1.25V.
SENSE (Pin 63): Reference Programming Pin. Connecting
SENSE to VDD selects the internal reference and a ±1.05V
input range. Connecting SENSE to ground selects the
internal reference and a ±0.525V input range. An external
reference between 0.625V and 1.3V applied to SENSE
selects an input range of ±0.84 • VSENSE.
Ground (Exposed Pad Pin 65): The exposed pad must be
soldered to the PCB ground.
FULL-RATE CMOS OUTPUT MODE
All Pins Below Have CMOS Output Levels
(OGND to OVDD)
D2_0 to D2_15 (Pins 23, 24, 25, 26, 27, 28, 29, 30, 31,
32, 33, 34, 35, 36, 37, 38): Channel 2 Digital Outputs.
D2_15 is the MSB.
CLKOUT– (Pin 39): Inverted version of CLKOUT+.
CLKOUT+ (Pin 40): Data Output Clock. The digital outputs
normally transition at the same time as the falling edge
of CLKOUT+. The phase of CLKOUT+ can also be delayed
relative to the digital outputs by programming the mode
control registers.
D1_0 to D1_15 (Pins 43, 44, 45, 46, 47, 48, 49, 50, 51,
52, 53, 54, 55, 56, 57, 58): Channel 1 Digital Outputs.
D1_15 is the MSB.
OF2 (Pin 59): Channel 2 Over/Under Flow Digital Output.
OF2 is high when an overflow or underflow has occurred.
OF1 (Pin 60): Channel 1 Over/Under Flow Digital Output.
OF1 is high when an overflow or underflow has occurred.
DOUBLE DATA RATE CMOS OUTPUT MODE
All Pins Below Have CMOS Output Levels
(OGND to OVDD)
D2_0_1 to D2_14_15 (Pins 24, 26, 28, 30, 32, 34, 36,
38): Channel 2 Double Data Rate Digital Outputs. Two data
bits are multiplexed onto each output pin. The even data
bits (D0, D2, D4, D6, D8, D10, D12, D14) appear when
CLKOUT+ is low. The odd data bits (D1, D3, D5, D7, D9,
D11, D13, D15) appear when CLKOUT+ is high.
DNC (Pins 23, 25, 27, 29, 31, 33, 35, 37, 43, 45, 47,
49, 51, 53, 55, 57, 59): Do not connect these pins.
CLKOUT– (Pin 39): Inverted version of CLKOUT+.
CLKOUT+ (Pin 40): Data Output Clock. The digital outputs
normally transition at the same time as the falling and ris-
ing edges of CLKOUT+. The phase of CLKOUT+ can also
be delayed relative to the digital outputs by programming
the mode control registers.
D1_0_1 to D1_14_15 (Pins 44, 46, 48, 50, 52, 54, 56,
58): Channel 1 Double Data Rate Digital Outputs. Two data
bits are multiplexed onto each output pin. The even data
bits (D0, D2, D4, D6, D8, D10, D12, D14) appear when
CLKOUT+ is low. The odd data bits (D1, D3, D5, D7, D9,
D11, D13, D15) appear when CLKOUT+ is high.
OF2_1 (Pin 60): Over/Under Flow Digital Output. OF2_1
is high when an overflow or underflow has occurred. The
over/under flow for both channels are multiplexed onto
this pin. Channel 2 appears when CLKOUT+ is low, and
Channel 1 appears when CLKOUT+ is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com