Electronic Components Datasheet Search
  English  ▼

X  

LTC2188 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2188
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2188 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2188 Datasheet HTML 28Page - Linear Technology LTC2188 Datasheet HTML 29Page - Linear Technology LTC2188 Datasheet HTML 30Page - Linear Technology LTC2188 Datasheet HTML 31Page - Linear Technology LTC2188 Datasheet HTML 32Page - Linear Technology LTC2188 Datasheet HTML 33Page - Linear Technology LTC2188 Datasheet HTML 34Page - Linear Technology LTC2188 Datasheet HTML 35Page - Linear Technology LTC2188 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
LTC2270
34
2270f
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
D1_4_5+
D1_4_5–
D1_2_3+
D1_2_3–
D1_0_1+
D1_0_1–
OVDD
OGND
CLKOUT+
CLKOUT–
D2_14_15+
D2_14_15–
D2_12_13+
D2_12_13–
D2_10_11+
D2_10_11–
65
PAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C19
0.1μF
SDO
VDD
VDD
VCM1
GND
AIN1
+
AIN1
–
GND
REFH
REFL
REFH
REFL
PAR/SER
AIN2
+
AIN2
–
GND
VCM2
VDD
C20
1μF
C18
0.1μF
VDD
PAR/SER
C17
1μF
C23
2.2μF
C37
0.1μF
DIGITAL
OUTPUTS
DIGITAL
OUTPUTS
OVDD
SPI BUS
C67
1μF
C78
0.1μF
C79
0.1μF
R51
100Ω
LTC2270
ENCODE
CLOCK
CN1
AIN2
+
AIN2
–
AIN1
+
AIN1
–
C15
1μF
C21
1μF
+
+
–
–
–
–
+
+
SENSE
2270 TA03
TYPICAL APPLICATIONS
LTC2270 Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com